Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLDR440. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLDR440.
Description  High Intensity LED, ∅ 3 mm Tinted Diffused
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLDR440. Datasheet(HTML) 4 Page - Vishay Siliconix

  TLDR440. Datasheet HTML 1Page - Vishay Siliconix TLDR440. Datasheet HTML 2Page - Vishay Siliconix TLDR440. Datasheet HTML 3Page - Vishay Siliconix TLDR440. Datasheet HTML 4Page - Vishay Siliconix TLDR440. Datasheet HTML 5Page - Vishay Siliconix TLDR440. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 83001
Rev. 1.4, 30-Aug-04
VISHAY
TLDR440.
Vishay Semiconductors
Package Dimensions in mm
Figure 9. Relative Intensity vs. Wavelength
600
620
640
660
680
0
0.2
0.4
0.6
0.8
1.2
700
95 10018
λ - Wavelength ( nm )
1.0
Red
95 10951



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com