Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLDR440. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLDR440.
Description  High Intensity LED, ∅ 3 mm Tinted Diffused
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLDR440. Datasheet(HTML) 2 Page - Vishay Siliconix

  TLDR440. Datasheet HTML 1Page - Vishay Siliconix TLDR440. Datasheet HTML 2Page - Vishay Siliconix TLDR440. Datasheet HTML 3Page - Vishay Siliconix TLDR440. Datasheet HTML 4Page - Vishay Siliconix TLDR440. Datasheet HTML 5Page - Vishay Siliconix TLDR440. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 83001
Rev. 1.4, 30-Aug-04
VISHAY
TLDR440.
Vishay Semiconductors
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Red
TLDR440.
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 20 mA
TLDR4400
IV
25
45
mcd
TLDR4401
IV
25
50
mcd
Luminous intensity
IF = 1 mA
IV
2mcd
Dominant wavelength
IF = 20 mA
λd
648
nm
Peak wavelength
IF = 20 mA
λp
650
nm
Spectral line half width
IF = 20 mA
∆λ
20
nm
Angle of half intensity
IF = 20 mA
ϕ
± 40
deg
Forward voltage
IF = 20 mA
VF
1.8
2.2
V
Reverse current
VR = 6 V
IR
10
µA
Junction capacitance
VR = 0, f = 1 MHz
Cj
30
pF
Figure 1. Power Dissipation vs. Ambient Temperature
100
80
60
40
0
25
50
75
100
125
Tamb - Ambient Temperature ( °C)
95 10904
20
0
Figure 2. Forward Current vs. Ambient Temperature for InGaN
0
10
20
30
40
60
Tamb - Ambient Temperature (
°C)
95 10095
50
0
2040
6080
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com