Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CML18 Datasheet(PDF) 4 Page - Endress+Hauser Group Services AG

Part # CML18
Description  Multiparameter mobile device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CML18 Datasheet(HTML) 4 Page - Endress+Hauser Group Services AG

  CML18 Datasheet HTML 1Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 2Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 3Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 4Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 5Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 6Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 7Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 8Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Liquiline Mobile CML18
4
Endress+Hauser
• Sensor can be calibrated in a lab, thus increasing the availability of the measuring point in the
process
• Intrinsically safe electronics mean operation in hazardous areas is not a problem.
• Predictive maintenance thanks to recording of sensor data, e.g.:
• Total hours of operation
• Hours of operation with very high or very low measured values
• Hours of operation at high temperatures
• Number of steam sterilizations
• Sensor condition
Input
Input power
Wireless charging
5 W
M12 connection
5 V; 0.6 A
Measured variables
• pH
• ORP
• pH/ORP
• Oxygen
• Conductivity
• Temperature
Measuring range
→ Documentation of the connected sensor
Type of input
Memosens connection for sensors with Memosens technology
M12 connection for digital measuring cable CYK10, CYK20 for sensors with Memosens technology
Memosens sensors CLS50D and CLS54D
A complete list of supported sensors can be found on the product page of the device:
www.endress.com/CML18
Output
Output signal
Memosens M12 (maximum 80 mA)
Power supply
Supply voltage
Inductive charging: use Qi-certified devices (min. 5 W output power)
Battery rated capacity
1000 mAh (min. 950 mAh)
Battery life
Max. 48 h
Overvoltage protection
IEC 61 000-4-4 with 0.6 kV
IEC 61 000-4-5 with 2.0 kV
Sensor connection
Sensors with Memosens technology
Cable specification
Digital measuring cable CYK10-Axx2+x
Digital measuring cable CYK20-AAxxC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com