Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CML18 Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # CML18
Description  Multiparameter mobile device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CML18 Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

Back Button CML18 Datasheet HTML 2Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 3Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 4Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 5Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 6Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 7Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 8Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 9Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 10Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Liquiline Mobile CML18
6
Endress+Hauser
Mechanical construction
Dimensions
54 (2.13)
A0044044
 3
Dimensions: mm (in)
Materials
Components
Material
Housing
PBT
Display window, light guide
PMMA
Buttons, cap
TPE
M12 connection
CuZn, nickel-plated
Materials not in contact with
the medium
Information according to REACH Regulation (EC) 1907/2006 Art. 33/1:
The device battery contains the SVHC 1.3 propane sulton ; ethylene glycol dimethyl ether (CAS
number 1) 110-71-4) with more than 0.1% (w/w). The product does not present a hazard if it is used
as designated.
Impact loads
The product is designed for mechanical impact loads of 1 J (IK06) as per the requirements of
EN61010-1.
Weight
Liquiline Mobile CML18
155 g (5.5 oz)
1)
CAS = Chemical Abstracts Service, international identification standard for chemical substances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com