Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CML18 Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CML18
Description  Multiparameter mobile device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CML18 Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CML18 Datasheet HTML 1Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 2Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 3Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 4Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 5Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 6Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 7Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 8Page - Endress+Hauser Group Services AG CML18 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Liquiline Mobile CML18
Endress+Hauser
5
Environment
Ambient temperature range
Charging: 0 to +45 °C (32 to 113 °F)
Operation: –10 to +60 °C (14 to 140 °F)
The maximum ambient temperature depends on the process temperature and the installation
position.
Storage temperature
–20 to +45 °C (–4 to 113 °F)
Elevated storage temperatures reduce the battery capacity.
Humidity
0 to 95 %
Degree of protection
IP66
Electrical safety
EN 61010-1
Pollution degree
Complete device:
Pollution level 4
Internal:
Pollution level 2
Radio standards
The device meets the radio standards of the following countries/regions:
• Europe
• USA
• China
• Canada
• Japan
• South Korea
• Brazil
• Mexico
• Singapore
• Argentina
• Thailand
• Australia
• Indonesia



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com