Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYA112 Datasheet(PDF) 13 Page - Endress+Hauser Group Services AG

Part # CYA112
Description  Immersion assembly for water and wastewater
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CYA112 Datasheet(HTML) 13 Page - Endress+Hauser Group Services AG

Back Button CYA112 Datasheet HTML 9Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 10Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 11Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 12Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 13Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 14Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 15Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 16Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 17Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Flexdip CYA112
Endress+Hauser
13
Accessories
The following are the most important accessories available at the time this documentation was
issued.
‣ For accessories not listed here, please contact your Service or Sales Center.
Flexdip CYH112
• Modular holder system for sensors and assemblies in open basins, channels and tanks
• For Flexdip CYA112 water and wastewater assemblies
• Can be affixed anywhere: on the ground, on the coping stone, on the wall or directly onto railings.
• Stainless steel version
• Product Configurator on the product page: www.endress.com/cyh112
Technical Information TI00430C
Multifunctional clamp ring
• In the case of a chain retainer, the rear multifunctional clamp ring keeps the chain fixed in place.
• In the case of the main pipe and transverse pipe, adjust the working height on the main pipe with
the multifunctional clamp ring.
• The multifunctional clamp ring acts as an anti-slip lock on transverse pipes, main pipes and on
assemblies.
• Material: PA 6
• Order number: 71092049
B
B
B-B
Ø 86 (3.39)
Ø 80 (3.15)
100°
Ø 71.45(2.81)
Ø
86
(3
.3
9)
Ø
40
(1
.5
7)
5 (0.2)
15 (0.59)
11.2 (0.44)
25
(0.98)
35
(1.83)
60 (2.36)
A0035699
 19
Multifunctional clamp ring. Dimensions: mm (in)
Immersion pipe tray
• Is used to hold the immersion pipe during maintenance work
• Material: stainless steel 1.4404 (AISI 316L)
• Order number: 71092054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com