Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYA112 Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CYA112
Description  Immersion assembly for water and wastewater
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CYA112 Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CYA112 Datasheet HTML 1Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 2Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 3Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 4Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 5Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 6Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 7Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 8Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Flexdip CYA112
Endress+Hauser
3
The assembly can be fitted and mounted depending on the ambient conditions. Please note the
following:
• Standard version
The immersion tube has an outer diameter of 40 mm (1.6 in). It is used for fixed installation or
with a pendulum holder. (The pendulum holder is part of the CYH112 holder system)
• With chain retainer
The immersion tube is suspended from a chain at the top by hooking it into a multifunctional
clamp ring and a stainless steel bracket. (The chain is part of the CYH112 holder system)
• With float
The immersion tube (PVC) is fitted with a float. Combined with a pendulum holder, the float is
used for varying water levels. (The pendulum holder is part of the CYH112 holder system)
The CYH112 holder system is particularly suitable for use with the assembly, and has been
specially designed for this assembly.
Stainless steel version
Available lengths
From 600 mm (23.6 in), are delivered in pieces measuring 600 mm (23.6 in) and
1200 mm (47.2 in)
Maximum length
3600 mm (141.7)
Thread
M36 male thread
G1" female thread
Type of installation Primarily for fixed installation, the assembly can also be used with a chain retainer up to
1200 mm (47.2 in)
The threaded joints are sealed with an O-ring.
Connecting pipes have a G1" thread for the sensors. Various sensor adapters are available (NPT ¾", G
¾", Pg 13.5) for sensors with other threads.
Sensor adapter →  16
G 1"
M36
A0010876
 2
Connecting pipe 0°, 45° and 90° (from left to right)
A connecting pipe is screwed onto the end of the immersion tube. An O-ring seals the pipes against
the medium.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com