Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYA112 Datasheet(PDF) 20 Page - Endress+Hauser Group Services AG

Part # CYA112
Description  Immersion assembly for water and wastewater
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CYA112 Datasheet(HTML) 20 Page - Endress+Hauser Group Services AG

Back Button CYA112 Datasheet HTML 16Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 17Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 18Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 19Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 20Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 21Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 22Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 23Page - Endress+Hauser Group Services AG CYA112 Datasheet HTML 24Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Flexdip CYA112
20
Endress+Hauser
75 (2.95)
M36 x 1.5
220 (8.66)
A0035739
 31
90 ° connecting pipe. Dimensions: mm (in)
Spray cleaning for CYA112 for mounting on immersion tube
• Version in 600 mm (23.6) and 1200 mm (47.2 in)
• For CYA112 assembly version: 600 to 2400 mm, straight
• Material:
• Pipe: PVC-U
• Spacer: PA
• Worm drive hose clips: stainless steel 1.4401 (AISI 316)
• Order number for 600 mm (23.6) version: 71158245
• Order number for 1200 mm (47.2 in) version: 71158246
~ 550 (21.6)
~ 580 (22.8)
~ 1130 (44.5)
75 (2.95)
A
B
D 16
A0035742
 32
Spray cleaning for CYA112. Dimensions: mm (in)
A
Version: 1200 mm (47.4 in)
B
Version: 600 mm (23.6 in)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com