Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237392 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1237392
Description  SACC-CI-M12FSD-4CON-L180-THRX - Contact carrier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237392 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1237392 Datasheet HTML 1Page - PHOENIX CONTACT 1237392 Datasheet HTML 2Page - PHOENIX CONTACT 1237392 Datasheet HTML 3Page - PHOENIX CONTACT 1237392 Datasheet HTML 4Page - PHOENIX CONTACT 1237392 Datasheet HTML 5Page - PHOENIX CONTACT 1237392 Datasheet HTML 6Page - PHOENIX CONTACT 1237392 Datasheet HTML 7Page - PHOENIX CONTACT 1237392 Datasheet HTML 8Page - PHOENIX CONTACT 1237392 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Contact carrier, Ethernet/PROFINET CAT5 (100 Mbps), 4-position, Socket, straight, M12,
coding: D, PCB mounting, THR solder connection, Item is lead-free in accordance with RoHS II
without Exemption 6c (Pb <0.1%)
Your advantages
Reduced mounting costs thanks to two-piece device connector
•
Packaging available for automated pick and place assembly
•
All common pin assignments and codings available
•
Easy device integration thanks to mechanical port screw connections with threaded attachment, press-in contour or direct integration in the front
plate
•
Additional gasket for the device when not plugged in
•
Compatible with connectors with screw or push-in connection
•
Commercial data
Item number
1237392
Packing unit
60 pc
Minimum order quantity
60 pc
Product key
ABQAGS
GTIN
4063151475710
Weight per piece (including packing)
4.815 g
Weight per piece (excluding packing)
3.7 g
Country of origin
DE
SACC-CI-M12FSD-4CON-L180-THRX - Contact
carrier
1237392
https://www.phoenixcontact.com/us/products/1237392
Jan 15, 2024, 8:17 AM
Page 1 (17)


Similar Part No. - 1237392

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1237390 PHOENIX-1237390 Datasheet
1Mb / 16P
SACC-CI-M12FS-5CON-SH TOR 32X - Contact carrier
1237394 PHOENIX-1237394 Datasheet
337Kb / 9P
SACC-DSI-FSD-4CON-L180 SCOX - Device connector, rear mounting
1237395 PHOENIX-1237395 Datasheet
1Mb / 9P
SACC-DSI-FS-5CON-L180 SCOX - Device connector rear mounting
1237396 PHOENIX-1237396 Datasheet
1Mb / 16P
SACC-CI-M12FS-5CON-L180-THRX - Contact carrier
1237398 PHOENIX-1237398 Datasheet
194Kb / 5P
SACC-BP-F-M12/M15-7-THR SCOX - Housing screw connection
More results

Similar Description - 1237392

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1406396 PHOENIX-1406396 Datasheet
701Kb / 14P
SACC-CI-M12MST-4CON-L180 THR - Contact carrier
1406411 PHOENIX-1406411 Datasheet
781Kb / 16P
SACC-CI-M12FST-4CON-L180 THR - Contact carrier
1418339 PHOENIX-1418339 Datasheet
579Kb / 13P
SACC-CI-M12MST-4CON-L180 TOR - Contact carrier
1425604 PHOENIX-1425604 Datasheet
529Kb / 10P
SACC-CI-M12FSL-4CON-L180 THR T - Contact carrier
1418343 PHOENIX-1418343 Datasheet
581Kb / 13P
SACC-CI-M12MSS-4CON-L180 TOR PE - Contact carrier
1425606 PHOENIX-1425606 Datasheet
414Kb / 10P
SACC-CI-M12FSL-4CON-L180 THR R - Contact carrier
1418341 PHOENIX-1418341 Datasheet
581Kb / 13P
SACC-CI-M12MST-4CON-L180 TOR SH - Contact carrier
1418342 PHOENIX-1418342 Datasheet
659Kb / 15P
SACC-CI-M12FST-4CON-L180 TOR SH - Contact carrier
1425605 PHOENIX-1425605 Datasheet
456Kb / 11P
SACC-CI-M12MSL-4CON-L180 THR R - Contact carrier
1238713 PHOENIX-1238713 Datasheet
556Kb / 14P
SACC-CI-M12FSY-8CON-L180 THRX - Contact carrier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com