Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237392 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 1237392
Description  SACC-CI-M12FSD-4CON-L180-THRX - Contact carrier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237392 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 1237392 Datasheet HTML 9Page - PHOENIX CONTACT 1237392 Datasheet HTML 10Page - PHOENIX CONTACT 1237392 Datasheet HTML 11Page - PHOENIX CONTACT 1237392 Datasheet HTML 12Page - PHOENIX CONTACT 1237392 Datasheet HTML 13Page - PHOENIX CONTACT 1237392 Datasheet HTML 14Page - PHOENIX CONTACT 1237392 Datasheet HTML 15Page - PHOENIX CONTACT 1237392 Datasheet HTML 16Page - PHOENIX CONTACT 1237392 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SACC-BP-F-M12/THR-1,0/1,8-9TIP - Housing screw connection
1419630
https://www.phoenixcontact.com/us/products/1419630
M12 threaded sleeve with tolerance-compensating function, for straight, THR
solderable M12 socket contact inserts. Suitable for 1.0 mm ... 1.8 mm thick front
plates.
SACC-BP-F-M12/THR-1,7/2,5-9TIP - Housing screw connection
1419631
https://www.phoenixcontact.com/us/products/1419631
M12 threaded sleeve with tolerance-compensating function, for straight, THR
solderable M12 socket contact inserts. Suitable for 1.7 mm ... 2.5 mm thick front
plates.
SACC-CI-M12FSD-4CON-L180-THRX - Contact
carrier
1237392
https://www.phoenixcontact.com/us/products/1237392
Jan 15, 2024, 8:17 AM
Page 14 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com