Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237392 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1237392
Description  SACC-CI-M12FSD-4CON-L180-THRX - Contact carrier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237392 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1237392 Datasheet HTML 1Page - PHOENIX CONTACT 1237392 Datasheet HTML 2Page - PHOENIX CONTACT 1237392 Datasheet HTML 3Page - PHOENIX CONTACT 1237392 Datasheet HTML 4Page - PHOENIX CONTACT 1237392 Datasheet HTML 5Page - PHOENIX CONTACT 1237392 Datasheet HTML 6Page - PHOENIX CONTACT 1237392 Datasheet HTML 7Page - PHOENIX CONTACT 1237392 Datasheet HTML 8Page - PHOENIX CONTACT 1237392 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical data
Notes
General
The electrical and mechanical data specified assume that the
connector pair is correctly locked and mounted. If the connector
is unlocked and if there is a danger of contamination, the
connector must be sealed using a protective cap > IP54.
Influences arising from litz wires, cables or PCB assembly must
also be taken into consideration.
Product properties
Product type
Contact insert
Sensor type
Ethernet/PROFINET
Number of positions
4
Application
Signal
Seal present
yes
Shielded
yes
Coding
D
Thread type
M12
Insulation characteristics
Overvoltage category
II
Degree of pollution
3
Electrical properties
Rated surge voltage
2.5 kV
Contact resistance
≤ 3 mΩ
Insulation resistance
≥ 100 MΩ
Nominal voltage UN
250 V
Nominal current IN
4 A
Transmission characteristics (category)
CAT5 (IEC 11801:2002)
Connection data
Connection method
THR solder connection
Interfaces
Signal type/category
Ethernet/PROFINET CAT5, 100 Mbps
Material specifications
Flammability rating according to UL 94
V0
Seal material
FKM
Contact material
CuZn
Contact surface material
Au
Contact carrier material
PA 6T/66
Connector
SACC-CI-M12FSD-4CON-L180-THRX - Contact
carrier
1237392
https://www.phoenixcontact.com/us/products/1237392
Jan 15, 2024, 8:17 AM
Page 2 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com