Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6549CBZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6549CBZ
Description  Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6549CBZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6549CBZ Datasheet HTML 1Page - Intersil Corporation ISL6549CBZ Datasheet HTML 2Page - Intersil Corporation ISL6549CBZ Datasheet HTML 3Page - Intersil Corporation ISL6549CBZ Datasheet HTML 4Page - Intersil Corporation ISL6549CBZ Datasheet HTML 5Page - Intersil Corporation ISL6549CBZ Datasheet HTML 6Page - Intersil Corporation ISL6549CBZ Datasheet HTML 7Page - Intersil Corporation ISL6549CBZ Datasheet HTML 8Page - Intersil Corporation ISL6549CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
FN9168.2
September 22, 2006
Simplified Power System Diagram
Typical Application Schematic
PWM
VOUT1
Q1
Q3
VOUT2
LINEAR
ISL6549
CONTROLLER
CONTROLLER
+
Q2
+
+12V
+VIN2
+VIN1
GND
+VIN1
VOUT1
UGATE
Q1
FB
COMP
LDO_DR
Q3
LDO_FB
COUT2
COUT1
LOUT
ISL6549
VOUT2
+
+
CBP5
Q2
LGATE
+12V
CBP12
PGND
PHASE
FS_DIS
BOOT
+
PVCC5
VCC5
CBP
CVIN1
+VIN2
VCC12
+
CVIN2
CBOOT
ISL6549



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com