Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6549CBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6549CBZ
Description  Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6549CBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6549CBZ Datasheet HTML 1Page - Intersil Corporation ISL6549CBZ Datasheet HTML 2Page - Intersil Corporation ISL6549CBZ Datasheet HTML 3Page - Intersil Corporation ISL6549CBZ Datasheet HTML 4Page - Intersil Corporation ISL6549CBZ Datasheet HTML 5Page - Intersil Corporation ISL6549CBZ Datasheet HTML 6Page - Intersil Corporation ISL6549CBZ Datasheet HTML 7Page - Intersil Corporation ISL6549CBZ Datasheet HTML 8Page - Intersil Corporation ISL6549CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
ISL6549
Single 12V Input Supply Dual Regulator —
Synchronous Rectified Buck PWM and
Linear Power Controller
The ISL6549 provides the power control and protection for
two output voltages in high-performance applications. The
dual-output controller drives two N-Channel MOSFETs in a
synchronous rectified buck converter topology and one
N-Channel MOSFET in a linear configuration. The controller is
ideal for applications where regulation of both the processing
unit and memory supplies is required.
The synchronous rectified buck converter incorporates
simple, single feedback loop, voltage-mode control with fast
transient response. Both the switching regulator and linear
regulator provide a maximum static regulation tolerance of
±
1% over line, load, and temperature ranges. Each output is
user-adjustable by means of external resistors.
An integrated soft-start feature brings both supplies into
regulation in a controlled manner. Each output is monitored
via the FB pins for undervoltage events. If either output drops
below 75% of the nominal output level, both converters are
shut off and go into retry mode.
The ISL6549 is available in a 14 Ld SOIC package,
16 Ld QSOP, or 16 Ld 4x4 QFN packages.
Related Literature
• Technical Brief TB363 Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)
Features
• Single 12V bias supply (no 5V supply is required)
• Provides two regulated voltages
- One synchronous rectified buck PWM controller
- One linear controller
• Both controllers drive low cost N-Channel MOSFETs
• Small converter size
- Adjustable frequency 150kHz to 1MHz
- Small external component count
• Excellent output voltage regulation
- Both outputs: ±1% over temperature
• 12V down conversion
• PWM and linear output voltage range: down to 0.8V
• Simple single-loop voltage-mode PWM control design
• Fast PWM converter transient response
- High-bandwidth error amplifier
• Undervoltage fault monitoring on both outputs
• Pb-free plus anneal available (RoHS compliant)
Applications
• Processor and memory supplies
• ASIC power supplies
• Embedded processor and I/O supplies
• DSP supplies
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ISL6549CB
ISL6549CB
0 to 70
14 Ld SOIC
M14.15
ISL6549CBZ (Note)
6549CBZ
0 to 70
14 Ld SOIC (Pb-free)
M14.15
ISL6549CR
ISL6549CR
0 to 70
16 Ld 4x4 QFN
L16.4x4
ISL6549CRZ (Note)
6549CRZ
0 to 70
16 Ld 4x4 QFN (Pb-free)
L16.4x4
ISL6549CA
ISL6549CA
0 to 70
16 Ld QSOP
M16.15A
ISL6549CAZ (Note)
6549CAZ
0 to 70
16 Ld QSOP (Pb-free)
M16.15A
ISL6549CAZA (Note)
6549CAZ
0 to 70
16 Ld QSOP (Pb-free)
M16.15A
ISL6549IBZ (Note)
6549IBZ
-40 to 85
14 Ld SOIC (Pb-free)
M14.15
ISL6549IRZ (Note)
6549IRZ
-40 to 85
16 Ld 4x4 QFN (Pb-free)
L16.4x4
ISL6549IAZ (Note)
6549IAZ
-40 to 85
16 Ld QSOP (Pb-free)
M16.15A
ISL6549LOW-EVAL1
Evaluation Board 1-5A
ISL6549HI-EVAL1
Evaluation Board up to 20A
Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets, molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
September 22, 2006
FN9168.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6549CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6549CBZ RENESAS-ISL6549CBZ Datasheet
854Kb / 18P
Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
More results

Similar Description - ISL6549CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
April 12, 2005
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
December 28, 2004
logo
Richtek Technology Corp...
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
uPI Group Inc.
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP6161 UPI-UP6161 Datasheet
500Kb / 15P
Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com