Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6549CBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6549CBZ
Description  Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6549CBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6549CBZ Datasheet HTML 1Page - Intersil Corporation ISL6549CBZ Datasheet HTML 2Page - Intersil Corporation ISL6549CBZ Datasheet HTML 3Page - Intersil Corporation ISL6549CBZ Datasheet HTML 4Page - Intersil Corporation ISL6549CBZ Datasheet HTML 5Page - Intersil Corporation ISL6549CBZ Datasheet HTML 6Page - Intersil Corporation ISL6549CBZ Datasheet HTML 7Page - Intersil Corporation ISL6549CBZ Datasheet HTML 8Page - Intersil Corporation ISL6549CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
FN9168.2
September 22, 2006
Block Diagram
Pinouts
ISL6549 (SOIC)
TOP VIEW
ISL6549 (QFN)
TOP VIEW
ISL6549 (QSOP)
TOP VIEW
FB
COMP
LDO_DR
LDO_FB
UGATE
VCC5
PVCC5
14
13
12
11
1
2
3
4
10
9
8
5
6
7
FS_DIS
GND
BOOT
VCC12
LGATE
PGND
PHASE
COMP
FB
LDO_DR
LDO_FB
PGND
LGATE
PVCC5
VCC5
1
3
4
15
16
14
13
2
9
6
57
8
METAL
GND
PAD
(BOTTOM)
12
10
11
FB
COMP
LDO_DR
LDO_FB
UGATE
VCC5
PVCC5
16
15
14
13
1
2
3
4
12
11
10
5
6
7
FS_DIS
AGND
BOOT
VCC12
LGATE
PGND
PHASE
8
DGND
9 VCC12
PHASE
SOFT-START
COMP
EA1
VCC5
PWM
UGATE
LDO_DR
LDO_FB
POWER-ON
RESET (POR)
OSCILLATOR
FB
COMP
EA2
UV2
VOLTAGE
REFERENCE
RESTART
UV1
INHIBIT
SOFT-START
LGATE
BOOT
GATE
LOGIC
PGND
VCC12
FS_DIS
GND
PVCC5
DIS
DIS
5V
REGULATOR
ISL6549



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com