Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDVR5V0P-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDVR5V0P-HF
Description  Low Capacitance SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR5V0P-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDVR5V0P-HF Datasheet HTML 1Page - Comchip Technology CPDVR5V0P-HF Datasheet HTML 2Page - Comchip Technology CPDVR5V0P-HF Datasheet HTML 3Page - Comchip Technology CPDVR5V0P-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDVR5V0P-HF
Page 1
Comchip Technology CO., LTD.
REV:A
QW-JP056
RoHS Device
- Low capacitance.
- IEC61000-4-2 Level 4 ESD Protection.
- Fast response time.
- Low Leakage current.
- Low reverse clamping voltage.
Features
Notes: 1. Device stressed with ten non-repetitive ESD pulses.
Circuit Diagram
Mechanical data
- Mounting position: Any.
Halogen Free
±15
VESD
W
4
52
PPP
Peak Pulse Power
ESD per IEC 61000-4-2(Air)
Parameter
Symbol
Value
Unit
Maximum Rating (at TA=25°C unless otherwise noted)
ESD per IEC 61000-4-2(Contact)
Peak Pulse Current
IPP
±15
A
μA
V
5
IR
VRWM
Reverse leakage current
Reverse stand-Off voltage
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
VRWM = 5 V
Electrical Characteristics (at TA=25°C unless otherwise noted)
Breakdown voltage
IT = 1 mA
V(BR)
Clamping voltage
IPP= 4 A
VC
V
5.6
Junction capacitance
CJ
pF
1
13
V
8
VR= 0V , F=1MHz
3
kV
±16
ESD Voltage
0.4
Per Human Body Model
Per Machine Model
Low Capacitance SMD ESD Protection Diode
Company reserves the right to improve product design , functions and reliability without notice.
- Bi-directional ESD protection of one line.
JESD22-A114-B ESD Voltage
(2)
(3)
- Case: WBFBP-02C-A plastic-encapsulate diodes
2. Other voltages available upon request.
3. Non-repetitive current pulse 8/20μs exponential decay waveform according to IEC61000-4-5.
°C
-55 to +150
260
TL
Lead Solder Temperature
Junction & Storage temperature range
TJ, TSTG
°C
Maximum (10 Second Duration)
(3)
(3)
(1)
Dimensions in inches and (millimeter)
WBFBP-02C-A
0.027(0.68)
0.023(0.58)
0.014(0.36)
0.002(0.05)
0.002(0.05)
0.015(0.37)
0.011(0.27)
0.015(0.39)
REF.
REF.
REF.
REF.
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.022(0.55)
0.018(0.45)
0.004(0.09)
0.020(0.50)
0.016(0.40)
0.017(0.42)
REF.
0.000(0.01)
- Terminals: Tin plated, solderable per
MIL-STD-750, method 2026.


Similar Part No. - CPDVR5V0P-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDVR5V0-HF COMCHIP-CPDVR5V0-HF Datasheet
109Kb / 4P
SMD ESD Protection Diode
logo
Shanghai Leiditech Elec...
CPDVR5V0-HF LEIDITECH-CPDVR5V0-HF Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

Similar Description - CPDVR5V0P-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQ5V0USP-HF COMCHIP-CPDQ5V0USP-HF Datasheet
80Kb / 5P
Ultra Low Capacitance SMD ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
Low Capacitance ESD SMD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF Datasheet
294Kb / 5P
Low Capacitance SMD ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
Low Capacitance ESD SMD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF Datasheet
294Kb / 5P
Low Capacitance SMD ESD Protection Diode
CPDQT5V0SP-HF COMCHIP-CPDQT5V0SP-HF_15 Datasheet
558Kb / 3P
Supper Low Capacitance SMD ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF_15 Datasheet
91Kb / 4P
Low Capacitance ESD SMD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF_15 Datasheet
294Kb / 5P
Low Capacitance SMD ESD Protection Diode
CPDQC5V0USP-HF COMCHIP-CPDQC5V0USP-HF Datasheet
116Kb / 4P
SMD Low Capacitance ESD Protection Diode
CPDT-5V0USP-HF COMCHIP-CPDT-5V0USP-HF Datasheet
124Kb / 4P
Low Capacitance SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com