Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS100R17N3E4 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # FS100R17N3E4
Description  IGBT Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FS100R17N3E4 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  FS100R17N3E4 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FS100R17N3E4 Datasheet HTML 2Page - Inchange Semiconductor Company Limited FS100R17N3E4 Datasheet HTML 3Page - Inchange Semiconductor Company Limited FS100R17N3E4 Datasheet HTML 4Page - Inchange Semiconductor Company Limited FS100R17N3E4 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ISGM2048
eq FS100R17N3E4
IGBT Modules
www.iscsemi.com
2
QG
Gate Charge
VGE= +15V...-15V
-
1.20
-
nC
RG
Internalgateresistor
7.5
Ω
TJ
Operating Junction Temperature
-40
-
150
℃
ISC
SC Data
VCC=1000V, VGE≤ 15V,
tp≤ 10us,TJ= 150℃
-
450
-
A
SWITCHING CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Turn-on Delay Time
VGE = ±15V
IC= 100A
VCE = 600V
RG= 4.7Ω
TJ= 25℃
L = 100 nH
-
210
-
ns
tr
Turn-on Rise Time
-
33
-
td(off)
Turn-off Delay Time
-
513
-
tf
Turn-off Fall Time
-
295
-
Eon
Turn-on switching losses
-
13
-
mJ
Eoff
Turn-off switching losses
-
17
-
DIODE, INVERTER
MAXIMUM RATED VALUES (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
1700
V
IF
Diode Continuous Forward Current
100
A
IFRM
Repetitive Peak Forward Current @tp = 1 ms
200
A
I²t
I²t-value
VR = 0 V, tP = 10 ms, Tvj = 125°C
1800
A²s
VR = 0 V, tP = 10 ms, Tvj = 150°C
1750
ELECTRICAL CHARACTERIS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 100A, TC=125℃
2.10
V
IRM
Peak
Reverse
recovery
current
VR= 600V, IF= 100A,
-diF/dt=4400A/us,
VGE = 15 V
TJ= 25℃
1
A
Qrr
Reverse Recovery Charge
17
uC
Err
Reverse Recovery Energy
10
mJ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com