Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS100R17N3E4 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # FS100R17N3E4
Description  IGBT Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FS100R17N3E4 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  FS100R17N3E4 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FS100R17N3E4 Datasheet HTML 2Page - Inchange Semiconductor Company Limited FS100R17N3E4 Datasheet HTML 3Page - Inchange Semiconductor Company Limited FS100R17N3E4 Datasheet HTML 4Page - Inchange Semiconductor Company Limited FS100R17N3E4 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ISGM2048
eq FS100R17N3E4
IGBT Modules
www.iscsemi.com
3
DIODE, RECTIFIER
MAXIMUM RATED VALUES (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
1800
V
IFAV
Forward Current per Diode
100
A
IFSM
Surge Forward Current@tp = 10 ms, half sine wave
TJ = 25°C
960
A
TJ
Operating Junction Temperature
-40-150
℃
SWITCHING CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Turn-on Delay Time
VGE = ±15V,
IC= 100A,
VCE = 300V,
RG= 8.2Ω
L = 100 nH,
TJ=25℃
-
95
-
ns
tr
Turn-on Rise Time
-
26
-
td(off)
Turn-off Delay Time
-
240
-
tf
Turn-off Fall Time
-
175
-
Eon
Turn-on switching losses
-
2.2
-
mJ
Eoff
Turn-off switching losses
-
3.4
-
NTC-THERMISTOR
ELECTRICAL CHARACTERIS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
R25
Ratedresistance
TC=25℃
-
5
-
kΩ
ΔR/R
Deviation of R100
Deviation of R100
-5
-
5
%
P25
Power Dissipation
Power Dissipation
-
-
20
mW
B25/50
B-Value
R2 = R25exp[B25/50(1/T2-1/(298.15K))]
-
3375
-
k
B25/80
R2 = R25exp[B25/80(1/T2-1/(298.15K))]
-
3411
-
k
B25/100
R2 = R25exp[B25/100(1/T2-1/(298.15K))]
-
3433
-
k



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com