Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS100R17N3E4 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FS100R17N3E4
Description  IGBT Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FS100R17N3E4 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FS100R17N3E4 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FS100R17N3E4 Datasheet HTML 2Page - Inchange Semiconductor Company Limited FS100R17N3E4 Datasheet HTML 3Page - Inchange Semiconductor Company Limited FS100R17N3E4 Datasheet HTML 4Page - Inchange Semiconductor Company Limited FS100R17N3E4 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ISGM2048
eq FS100R17N3E4
IGBT Modules
www.iscsemi.com
1
FEATURES
· ExtendedOperationTemperatureTvjop
· Low VCEsat
· VCEsatwithpositiveTemperatureCoefficient
APPLICATIONS
· Motor Drives ,Motion / Servo Drives
· UPSSystems
IGBT, INVERTER
MAXIMUM RATED VALUES(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
1700
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
@ TC= 100℃
100
A
ICM
Repetitive Peak Collect Current @tp = 1 ms
200
A
Ptot
Total Power Dissipation ,
TC=25℃
520
W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCES
Collector-Emitter
Breakdown
Voltage
VGE=0, IC= 0.25mA
1700
-
-
V
VGE(TH)
Gate-Emitter Threshold Voltage
VGE= VCE, IC= 4mA
5.0
-
6.2
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 100A, VCE= 15V,
TC= 25℃
-
1.65
1.85
V
IC= 100A, VCE= 15V,
TC= 125℃
-
1.62
-
V
ICES
Zero Gate Voltage Collector Current
VCE= 1700V, VGE=0
-
-
1
mA
IGES
Gate-Emitter Leakage Current
VGE= 20V, VCE=0
-
-
±
400
nA
Cies
Input Capacitance
VGE = 0V,
VCS = 25V,
f = 1.0MHz
-
9
-
nF
Cres
Reverse Transfer Capacitance
-
0.29
-


Similar Part No. - FS100R17N3E4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS100R17N3E4 INFINEON-FS100R17N3E4 Datasheet
691Kb / 9P
EconoPACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode und NTC
2013-11-11 revision:2.0
FS100R17N3E4 INFINEON-FS100R17N3E4 Datasheet
690Kb / 9P
FS100R17N3E4
2013-11-11
FS100R17N3E4BOSA1 INFINEON-FS100R17N3E4BOSA1 Datasheet
690Kb / 9P
FS100R17N3E4
2013-11-11
FS100R17N3E4_B11 INFINEON-FS100R17N3E4_B11 Datasheet
542Kb / 9P
Modul mitt Trench/Feldstopp IGB4
2012-01-13 revision:2.0
More results

Similar Description - FS100R17N3E4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS25R12YT3 EUPEC-FS25R12YT3 Datasheet
320Kb / 8P
IGBT-modules
BSM100GB120DLCK EUPEC-BSM100GB120DLCK Datasheet
87Kb / 8P
IGBT-Modules
logo
Semikron International
SKM400GA123D SEMIKRON-SKM400GA123D_06 Datasheet
551Kb / 6P
IGBT Modules
SKIM220GD176D SEMIKRON-SKIM220GD176D Datasheet
1Mb / 4P
IGBT Modules
SKIM450GD126D SEMIKRON-SKIM450GD126D Datasheet
913Kb / 4P
IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
IGBT Modules
SKM50GB123D SEMIKRON-SKM50GB123D_06 Datasheet
769Kb / 5P
IGBT Modules
logo
eupec GmbH
FZ800R17KF6CB2 EUPEC-FZ800R17KF6CB2 Datasheet
118Kb / 9P
IGBT-Modules
FS15R06XL4 EUPEC-FS15R06XL4 Datasheet
209Kb / 9P
IGBT-Modules
logo
Infineon Technologies A...
F430R06W1E3 INFINEON-F430R06W1E3 Datasheet
793Kb / 9P
IGBT-modules
2013-03-04 revision:3.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com