Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

340W Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # 340W
Description  Outdoor Remote Power Systems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

340W Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  340W Datasheet HTML 1Page - Tycon Systems, Inc. 340W Datasheet HTML 2Page - Tycon Systems, Inc. 340W Datasheet HTML 3Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
• Complete 340W Remote Power Solution for Off-Grid
Operation
• Weatherproof Outdoor Enclosures with up to 400Ah
Battery
• Enclosures can be Wall or Pole Mounted (pole not
included)
• High Performance Sealed Lead Acid AGM Batteries
• MPPT Solar Charge Controllers with RS485 Interface
• Thermostatically Controlled Ventilation
Applications
• Wireless Base Stations
• Remote Lighting
• Surveillance Cameras
• Wireless Bridge and Repeaters
• Off-Grid Power
• Backup Power
Description
The RemotePro® 340W Series outdoor power systems are designed for applications that require a primary off-grid power
source to run various equipment. The vented weatherproof enclosures have generous space available inside for
mounting customer equipment. Multiple mounting brackets are welded inside the enclosure for mounting DIN rails or flat
plates.
The systems are available with MPPT temperature compensated solar charge controllers with an RS485 interface for
remote monitoring with a Tycon TPDIN-Monitor-WEB3 or TP-SC-WIFI adapter. The solar controllers turn off the load
automatically if the battery voltage drops too low, in order to preserve battery life. The load turns on automatically once
the battery voltage recovers.
The outdoor enclosures are powder coated steel or aluminum. They are hinged and gasket sealed with a locking closure
that accepts a common padlock for security. They have four cable gland ports for CAT5/6 cable, antenna
cables/connectors or other cabling. Included is a thermostatically controlled fan assembly which turns on automatically
when the temperature exceeds 45°C.
The high quality solar panels have a 25 year power output guarantee and a +5W output tolerance. The enclosures and
solar mount can be mounted to a wall or pole (2-
4”) with the included mounting system.
Batteries are a Non-Spillable Valve Regulated Sealed Lead Acid Advance Glass Matt (AGM) type which have excellent
temperature and deep discharge performance. Expected battery life exceeds 5 years.
The systems come with all cabling required to connect the batteries to the controller and 20’ outdoor rated cable to
connect the solar panels to the controller.
DATA SHEET
RemotePro® 340W Series
Outdoor Remote Power Systems
RPL 340W
Solar System


Similar Part No. - 340W

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
340WCAN AAC-340WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
340WECAN AAC-340WECAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
340WECAS AAC-340WECAS Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
More results

Similar Description - 340W

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
List of Unclassifed Man...
118C1AR5 ETC2-118C1AR5 Datasheet
53Kb / 3P
118 SERIES AM REMOTE CONTROL SYSTEMS.
logo
rfsolutions.ltd
119S1-433A RFSOLUTIONS-119S1-433A Datasheet
75Kb / 5P
KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
FIREFLY-S1 RFSOLUTIONS-FIREFLY-S1 Datasheet
1Mb / 6P
RADIO REMOTE CONTROL SYSTEMS
logo
RF Micro Devices
VIPER-S1 RFMD-VIPER-S1 Datasheet
1Mb / 6P
VIPER Remote Control Systems
logo
rfsolutions.ltd
ELITE-L RFSOLUTIONS-ELITE-L Datasheet
3Mb / 9P
Professional Remote Control Systems
ESPRIT RFSOLUTIONS-ESPRIT Datasheet
3Mb / 8P
Professional Remote Control Systems
TRAP RFSOLUTIONS-TRAP Datasheet
3Mb / 8P
TRAP Remote Control Systems
VIPER RFSOLUTIONS-VIPER Datasheet
2Mb / 7P
VIPER Remote Control Systems
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com