Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

340W Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # 340W
Description  Outdoor Remote Power Systems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

340W Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  340W Datasheet HTML 1Page - Tycon Systems, Inc. 340W Datasheet HTML 2Page - Tycon Systems, Inc. 340W Datasheet HTML 3Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RemotePro 340W Series Spec Rev 1 25-Jan-22
Specifications Subject to Change Without Notice
Page 2
RemotePro® 340W Series
Specifications
– Controller Specific
Specifications
– Enclosure Specific
12/24 MPPT
12/48 MPPT
Controller Type
MPPT with display and RS485
Controller Outputs
20A or 30A Wire Terminal
Bulk Charge
14.4V @ 12V Battery
28.8V @ 24V Battery
14.4V @ 12V Battery
28.8V @ 24V Battery
57.6V @ 48V Battery
Float Charge
13.8V @ 12V Battery
27.6V @ 24V Battery
13.8V @ 12V Battery
27.6V @ 24V Battery
55.2V @ 48V Battery
Over-discharge protection
11.1V @ 12V Battery
22.2V @ 24V Battery
11.1V @ 12V Battery
22.2V @ 24V Battery
44.4V @ 48V Battery
Over-discharge recovery volts
12.6V @ 12V Battery
25.2V @ 24V Battery
12.6V @ 12V Battery
25.2V @ 24V Battery
50.4V @ 48V Battery
Controller Self Consumption
<1W
<1W
RPL
RPSTL
Battery Type
Maintenance Free Non-Spillable Valve Regulated Sealed Lead Acid AGM
Battery Life
5+ years
Enclosure Type
ENC-AL-21x14x15
Pole/Wall Mount, Powder Coat Aluminum
ENC-STL-24x24x16
Pole/Wall Mount, Powder Coat Steel
Enclosure Size
21 x 14 x 15
” (537 x 356 x 381mm)
23.9 x 23.9 x 16.1" (608 x 608 x 409.5mm)
Internal Mount Features
DIN Rail/Flat Plate Mounting Brackets Welded to Door and Back
Solar Panel Dims (L x W x T)
340W Solar Array
62
” x 54” x 1.4” (1575 x 1372 x 35mm)
Operating Temperature
-30°C to +60°C (-22°F to 140°F)
System Weight (no batteries)
67 lb (31 kg)
136 lb (62 kg)
Battery Weight
40.3 lb (18.3 kg)
(Each 50Ah Battery)
Wind Speed Rating
90MPH
Warranty
3 Years
RPL Enclosure interior
without batteries or controller
RPSTL Enclosure interior
without batteries or controller
AGM 12V 52Ah Battery



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com