Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

340W Datasheet(PDF) 3 Page - Tycon Systems, Inc.

Part # 340W
Description  Outdoor Remote Power Systems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

340W Datasheet(HTML) 3 Page - Tycon Systems, Inc.

  340W Datasheet HTML 1Page - Tycon Systems, Inc. 340W Datasheet HTML 2Page - Tycon Systems, Inc. 340W Datasheet HTML 3Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RemotePro 340W Series Spec Rev 1 25-Jan-22
Specifications Subject to Change Without Notice
Page 3
RemotePro® 340W Series
System Ordering:
Model #
Enclosure
Type
Battery
Voltage
Battery
Capacity
@12V
Rated
Continuous
Power with
6hrs Peak
Sun
Backup
Time @
Rated
Power
Controller
Type
Output
Solar
Panel
Size
RPL12/24M-200-340
Large
Aluminum
12/24V
200Ah
50W
>24hrs
12/24 MPPT
12/24V 20A
340W
RPSTL12/24M-200-340
Large Steel
12/24V
200Ah
50W
>24hrs
12/24 MPPT
12/24V 20A
340W
RPSTL12/24M-400-340
Large Steel
12/24V
400Ah
74W
>32hrs
12/24 MPPT
12/24V 20A
340W
RPSTL12/48M-400-340
Large Steel
12/24/48V
400Ah
74W
>32hrs
12/48 MPPT
12/24/48V 30A
340W
Part Number Definition:
For further information contact:
Tyconsystems.com
14641 S 800 W
Bluffdale, UT 84065
PH: 801-432-0003
FAX: 801-618-4220
Enclosure Type
S - Small Aluminum
L - Large Aluminum
STL
– Large Steel
Battery Voltage.Ctrl Type
12/24
– 12/24V PWM
12/24M
– 12/24V MPPT
12/48M
– 12/24/48V MPPT
12V Storage Capacity
100 - 100Ah
200 - 200Ah
400
– 400Ah
Solar Panel Output
85
– 85 Watt
170
– 170 Watt
340
– 340 Watt
RPL 12/24M-200-340
340W Solar Mount
Available Accessories
TPDIN-Monitor-WEB3 V2 Remote Monitor
with RS485 Interface + TPDIN-CABLE-485
TP-SC-WIFI WiFi Adapter for MPPT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com