Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-SWXGBT-2SFP Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # TP-SWXGBT-2SFP
Description  Managed Industrial PoE Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-SWXGBT-2SFP Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  TP-SWXGBT-2SFP Datasheet HTML 1Page - Tycon Systems, Inc. TP-SWXGBT-2SFP Datasheet HTML 2Page - Tycon Systems, Inc. TP-SWXGBT-2SFP Datasheet HTML 3Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Managed Industrial PoE++ Switch
Features
• Industrial Strength (-40C to +85C Operating Temperature)
• 10/100/1000 Gigabit Compatible Ethernet and 2.5G Fiber
• Two Configurations Available:
• 4 PoE++ (802.3bt 90W) and 2 fiber (SFP) Ports
• 2 PoE++(802.3bt 90W) and 6 PoE+(802.3at) and 2 fiber (SFP)
Ports
• Manageable via Console Port or IP
• Surge Protected Voltage and Ethernet Inputs, Metal Shell
• Integrated DIN Rail Mount and Wall Mounts
Applications
• Outdoor Network Installations
• Cameras and Wireless Radios
• Factory networks
• PoE Lighting Applications
Description
The TP-SWxGBT-2SFP Power over Ethernet (PoE) 6 and 10 port Gigabit switches offered by Tycon® are fully
automatic high speed Layer 2+ Ethernet manageable switches. The 6 port model has 4 GigE PoE++(90W) and 2 SFP
2.5G ports and the 10 port model has 2 GigE PoE++(90W) and 6 GigE PoE+(30W) and 2 SFP 2.5G ports. The PoE
ports are manageable via the user interface. The maximum total power for all ports is an impressive 360W. They utilize
industry standard 802.3at/bt detection for fully automatic operation.
The switch features security protocols like SSH and SSL for secure access of the switch
command interface. The interface can be accessed via the serial console
port or any of the Ethernet ports. The command interface can be controlled
via web browser, command line interface(CLI), TELNET, SSH or SNMP.
With L2+ features, the switches provide better manageability, security, QOS
features and performance. VLAN, Port Mirroring, Port Isolation, IGMP
Snooping, DHCP Snooping, LLDP, ARP Inspection, Storm Control, IP
Source Guard, Access Control Lists, PoE++ management are just some of
the features available with this Industrial PoE Switch.
Spanning Tree, Jumbo Frames, Cable diagnostics, Ring Topology are also
supported.
The switches are compatible with Green Ethernet standards. The switch
can automatically power down the port Ethernet drivers when a link is not
active. Active mode is resumed without loss of any packets when the switch
detects the link is active. The switches also automatically adjust the signal
strength depending on cable length to save power.
DATA SHEET
TP-SWxGBT-2SFP
TP-SW8GBT-2SFP 8+2 PoE Switch


Similar Part No. - TP-SWXGBT-2SFP

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
TP-SW3G TYCONSYSTEMS-TP-SW3G Datasheet
379Kb / 2P
PoE / Ethernet Extender
TP-SW3G-WT TYCONSYSTEMS-TP-SW3G-WT Datasheet
320Kb / 2P
PoE / Ethernet Extender
TP-SW5 TYCONSYSTEMS-TP-SW5 Datasheet
330Kb / 2P
PoE 5 Port Switch
TP-SW5G-D+ TYCONSYSTEMS-TP-SW5G-D+ Datasheet
332Kb / 2P
802.3bt Input PoE Switch
TP-SW5G-D-BT TYCONSYSTEMS-TP-SW5G-D-BT Datasheet
317Kb / 2P
802.3bt 90W PoE Switch
More results

Similar Description - TP-SWXGBT-2SFP

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NT24K-14GX6-POE REDLION-NT24K-14GX6-POE Datasheet
595Kb / 3P
Industrial Managed Gigabit PoE Ethernet Switch
NT24K-14FX6-POE REDLION-NT24K-14FX6-POE Datasheet
586Kb / 3P
Industrial Managed Gigabit PoE Ethernet Switch
NT24K-12SFP-DM4-POE REDLION-NT24K-12SFP-DM4-POE Datasheet
586Kb / 3P
Industrial Managed Gigabit PoE Ethernet Switch
NT24K-12GX4-POE REDLION-NT24K-12GX4-POE Datasheet
580Kb / 3P
Industrial Managed Gigabit PoE Ethernet Switch
NT24K-12FX4-POE REDLION-NT24K-12FX4-POE Datasheet
577Kb / 3P
Industrial Managed Gigabit PoE Ethernet Switch
NT24K-11GX3-POE REDLION-NT24K-11GX3-POE Datasheet
577Kb / 3P
Industrial Managed Gigabit PoE Ethernet Switch
NT24K-11FX3-POE REDLION-NT24K-11FX3-POE Datasheet
575Kb / 3P
Industrial Managed Gigabit PoE Ethernet Switch
NT24K-10GX2-POE REDLION-NT24K-10GX2-POE Datasheet
572Kb / 3P
Industrial Managed Gigabit PoE Ethernet Switch
NT24K-10FX2-POE REDLION-NT24K-10FX2-POE Datasheet
567Kb / 3P
Industrial Managed Gigabit PoE Ethernet Switch
NT24K-8TX-POE REDLION-NT24K-8TX-POE Datasheet
514Kb / 3P
Industrial Managed Gigabit PoE Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com