Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-SWXGBT-2SFP Datasheet(PDF) 3 Page - Tycon Systems, Inc.

Part # TP-SWXGBT-2SFP
Description  Managed Industrial PoE Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-SWXGBT-2SFP Datasheet(HTML) 3 Page - Tycon Systems, Inc.

  TP-SWXGBT-2SFP Datasheet HTML 1Page - Tycon Systems, Inc. TP-SWXGBT-2SFP Datasheet HTML 2Page - Tycon Systems, Inc. TP-SWXGBT-2SFP Datasheet HTML 3Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP-SWxGBT-2SFP
TP-SWxGBT-2SFP Spec Rev 1 1-Mar-22
Specifications Subject to Change Without Notice
Page 3
Jumbo Frame Support
9.6K
Switching Capacity
18 Gbps
26 Gbps
Packet Forwarding Rate
13.39Mpps
19.34Mpps
Forwarding Mode
Store and Forward
Package Cache
4M
RAM / Flash
128MB / 16MB
Address Table
8K MAC, self-learning
Network Protocols and
Standards Summary
IEEE 802.3i 10BASET, 802.3u 100BASET, 802.3z 1000BASET
802.3x Flow Control
802.3ab Gigabit Media Independent Interface (GMII)
802.1q VLANs
802.1p (QOS)
802.3ad Link Aggregation Control Protocol (LACP)
802.3af /at /bt (PoE)
802.3az Energy-Saving
IEEE G.8032 Ethernet ring protection (<50ms)
(STP) 802.1d, (RSTP) 802.1w, (MSTP) 802.1s
Other Industry Standards
EMI: FCC Part 15, CISPR (EN55032) class A
EMS: EN61000-4-2 (ESD), EN61000-4-4 (EFT), EN-61000-4-5 (Surge)
Shock: IEC 60068-2-27
Free Fall: IEC 60068-2-32
Vibration: IEC 60068-2-6
Environmental Protection
IP40
Operating Temp
-40 to +85°C (-40 to 185°F)
Operating Humidity (RH)
5% - 95% (non condensing)
Storage Temperature
-40 to +85°C (-40 to +185°F)
MTBF
100,000 hours
Certifications
CE, FCC, RoHS
Dimensions (LxWxH)
155*117*38(mm) (6.1 x 4.6 x 1.5
”)
173*137*61(mm) (6.8 x 5.4 x 2.4
”)
Weight
0.6kg (1.25lb)
0.85kg (1.87lb)
Warranty
5 Years
System Ordering:
TP-SW4GBT-2SFP
4 PoE++(90W) and 2 SFP Ports Industrial Managed Gigabit Switch
TP-SW8GBT-2SFP
2 PoE++(90W) and 6 PoE+(30W) and 2 SFP Ports Industrial Managed Gigabit Switch
Accessories (Power Supplies):
PSDIN-48-120W
90-264VAC In, 47-56VDC (adjustable) 2.5A 120W Out Industrial DIN Rail
PSDIN-48-240W
90-264VAC In, 47-56VDC (adjustable) 5.0A 240W Out Industrial DIN Rail
For further information contact:
Tyconsystems.com
14641 S 800 W Ste A
Bluffdale, UT 84065
PH: 801-432-0003
FAX: 801-618-4220
•
Tycon Power Systems POE Switches carry a 1 year warranty



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com