Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-SWXGBT-2SFP Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # TP-SWXGBT-2SFP
Description  Managed Industrial PoE Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-SWXGBT-2SFP Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  TP-SWXGBT-2SFP Datasheet HTML 1Page - Tycon Systems, Inc. TP-SWXGBT-2SFP Datasheet HTML 2Page - Tycon Systems, Inc. TP-SWXGBT-2SFP Datasheet HTML 3Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP-SWxGBT-2SFP
TP-SWxGBT-2SFP Spec Rev 1 1-Mar-22
Specifications Subject to Change Without Notice
Page 2
The switches require a 48VDC to 57VDC input on the dual input wire terminal connector which is capable of accepting
up to 12AWG wire.
The units are compatible with Category 5 or higher Ethernet cables with network distances up to 100m. The optical
range for fiber ports is up to 120Km. The RJ45 connectors are shielded and grounded to the case. The units have
surge protection on all ports and are conformal coated for moisture protection. They have a wide operating
temperature range for outdoor and industrial applications.
Specifications
TP-SW4GBT-2SFP
TP-SW8GBT-2SFP
Ports
4 Ports 802.3af/at/bt, PoE++ (90W)
2 SFP/LC 2.5Gigabit Fiber Ports
1 Console Port
2 Ports 802.3af/at/bt PoE++ (90W) (Port 1-2)
6 Ports 802.3af/at, PoE+ (30W) (Port 3-8)
2 SFP/LC 2.5Gigabit Fiber Ports
1 Console Port
Ethernet Transmission Speed
1000 Mbps (Gigabit) / 100 Mbps /10 Mbps Auto-negotiation
Fiber Transceiver
Compatibility
155M / 1.25G / 2.5G
Multi Mode or Single Mode
Connections
Shielded RJ45, Shielded SFP/LC, Grounded to Case
Power Input
Vin 48VDC to 57VDC on Dual Input Wire Terminal (Max wire size 12AWG)
Self Consumption
< 5 watts typical
LED’s – Normal State
Power:Red ; System:Green ; Ethernet Link:Green Flashing ; PoE:Amber ; Fiber:Green
PoE Protections
Over Voltage, Over Current, Short Circuit
PoE Pinout
802.3af/at Ports = 1/2 V- ; 3/6 V+
802.3bt Ports = 1/2,7/8 V- ; 3/6,4/5 V+
Surge Protection
6KV Normal Mode, 2KV Differential Mode
ESD Protection
15KV Air, 8KV Touch
Management Methods
WEB, CLI, TELNET, SSH, SNMP
VLANS
Supports up to 4K VLANs simultaneously (out of 4096 VLAN IDs);
Port-based VLAN; 802.1Q tag-based VLAN
Port Management
Enable/Disable Port, Speed, Duplex, MTU Setting, Flow Control, Mirroring, In/Out Direction, Speed Limit,
Isolation Settings, Unknown Unicast/Multicast/Broadcast Storm Suppression.
STP
Standard Spanning Tree (STP) 802.1d
Rapid Spanning Tree (RSTP) 802.1w
Multiple Spanning Tree (MSTP) 802.1s
Ring Network Protocol
ERPS (Ethernet Ring Protection Switching)
Link Aggregation
Static/Manual Aggregation, LACP Dynamic Convergence
IGMP v1/v2/v3 snooping
IGMP limits bandwidth-intensive multicast traffic to only the requesters; supports 256 multicast groups
MAC Management
Add/Delete, MAC Address learning limit, Dynamic Aging Time Setting
Layer 3 Switching Functions
Virtual VLAN Interface, ARP, Static Router
ACL (Access Control List)
Based on source MAC, destination MAC, prototcol type, source IP, destination IP, L4 port number.
Supports time-range time management.
QOS (Quality of Service)
802.1p(COS) Classification, DSCP Classification, Source IP/Destination IP/Port Number Classification.
Supports SP/WRR/DRR Scheduling Strategy and Traffic Speed Limit (CAR).
Anti-Attack Support
DOS Defense
CPU Protection, limit message send rate
ARP Binding (IP, MAC, PORT)
Other Functions
LLDP, Add/Delete Users, Log user login/operation/status/events, Port security (Dying Gasp/SNMP Trap),
Device Reset, Configuration save/restore, NTP time setting, Upgrade Management.
TP-SW4GBT-2SFP 4+2 PoE Switch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com