Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUT955 Datasheet(PDF) 2 Page - QuWireless

Part # RUT955
Description  Integrated outdoor multi-band high power LTE directional antenna outdoor Wi-Fi omni antenna GPSantenna place to install Teltonika RUT956 or RUT955 (All-in-one)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

RUT955 Datasheet(HTML) 2 Page - QuWireless

  RUT955 Datasheet HTML 1Page - QuWireless RUT955 Datasheet HTML 2Page - QuWireless RUT955 Datasheet HTML 3Page - QuWireless RUT955 Datasheet HTML 4Page - QuWireless RUT955 Datasheet HTML 5Page - QuWireless RUT955 Datasheet HTML 6Page - QuWireless RUT955 Datasheet HTML 7Page - QuWireless RUT955 Datasheet HTML 8Page - QuWireless RUT955 Datasheet HTML 9Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LTE ANTENNA SPECIFICATION
FREQUENCY
694 - 960 MHz
1.7 - 2.2 GHz
2.2 - 2.7 GHz
SUPPORTED LTE/5G BANDS
1, 2, 3, 4, 5, 7, 8, 9, 10, 12, 13, 14, 17, 18, 19, 20, 25, 26, 27, 28, 29, 30, 33,
34, 35, 36, 37, 38, 39, 40, 41, 44, 53, 65, 66, 67, 68, 69, 85, 103, n80,
n81, n82, n83, n84, n86, n89, n90, n95, n97, n98, n100, n101, n256
GAIN
694 - 960 MHz : 4 dBi
1.7 - 2.2 GHz : 5 dBi
2.2 - 2.7 GHz : 6 dBi
FRONT-TO-BACK
>8 dB
VSWR
<1.30, max <1.80
BEAMWIDTH
90°/90° ±30°
POLARIZATION
Vertical
IMPEDANCE
50
Ω
WI-FI ANTENNA SPECIFICATION
FREQUENCY
2.4 - 2.5 GHz
GAIN
6 dBi
VSWR
<1.70, max <2.00
BEAMWIDTH
360°/25° ±5°
POLARIZATION
Vertical
IMPEDANCE
50
Ω
DATASHEET / QuMax for Teltonika RUT956/RUT955
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 2
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com