Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUT955 Datasheet(PDF) 3 Page - QuWireless

Part # RUT955
Description  Integrated outdoor multi-band high power LTE directional antenna outdoor Wi-Fi omni antenna GPSantenna place to install Teltonika RUT956 or RUT955 (All-in-one)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

RUT955 Datasheet(HTML) 3 Page - QuWireless

  RUT955 Datasheet HTML 1Page - QuWireless RUT955 Datasheet HTML 2Page - QuWireless RUT955 Datasheet HTML 3Page - QuWireless RUT955 Datasheet HTML 4Page - QuWireless RUT955 Datasheet HTML 5Page - QuWireless RUT955 Datasheet HTML 6Page - QuWireless RUT955 Datasheet HTML 7Page - QuWireless RUT955 Datasheet HTML 8Page - QuWireless RUT955 Datasheet HTML 9Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MECHANICAL SPECIFICATION
MATERIALS
ABS, aluminum, PTFE, Fiberglass
CONNECTOR TYPE
RJ45 + 2xNf + 2xNm in external omni wi-fi antenna
INGRESS PROTECTION
IP67
DIMENSIONS
272 x 276 x 96 mm
10.71 x 10.87 x 3.78 inch
WEIGHT
1.8 kg
3.97 lbs
OPERATING TEMPERATURE
From -40°C to 80°C
From -40°F to 176°F
FREQUENCY BANDS
LTE / 4G GSM
694
MHz
5
8
12
13
14
17
18
19
20
26
27
28
29
44
67
68
85
103
n81
n82
n83
n89
n100
960
MHz
LTE / 4G UMTS
1710
MHz
1
2
3
4
9
10
25
33
34
35
36
37
39
n80
n84
n86
n95
n98
n101
2170
MHz
LTE / 4G WCS DARS
2300
MHz
30
40
n97
2400
MHz
DATASHEET / QuMax for Teltonika RUT956/RUT955
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 3
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com