Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUT955 Datasheet(PDF) 1 Page - QuWireless

Part # RUT955
Description  Integrated outdoor multi-band high power LTE directional antenna outdoor Wi-Fi omni antenna GPSantenna place to install Teltonika RUT956 or RUT955 (All-in-one)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

RUT955 Datasheet(HTML) 1 Page - QuWireless

  RUT955 Datasheet HTML 1Page - QuWireless RUT955 Datasheet HTML 2Page - QuWireless RUT955 Datasheet HTML 3Page - QuWireless RUT955 Datasheet HTML 4Page - QuWireless RUT955 Datasheet HTML 5Page - QuWireless RUT955 Datasheet HTML 6Page - QuWireless RUT955 Datasheet HTML 7Page - QuWireless RUT955 Datasheet HTML 8Page - QuWireless RUT955 Datasheet HTML 9Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
QuMax for Teltonika RUT956/RUT955
Integrated outdoor multi-band high power LTE directional antenna + outdoor Wi-Fi omni antenna + GPS
antenna + place to install Teltonika RUT956 or RUT955 (All-in-one)
QuMAX offers the most powerful directional LTE antenna of all QuWireless antennas. It is dedicated to
connections with long distance to base station. It is designed to have Teltonika RUT956, RUT955 or RUT906 router
installed inside IP67 enclosure. It is the first choice for fixed installations in industrial environment. It has
embedded also GPS antenna and outdoor Wi-Fi omni antennas.
DATASHEET / A955M
VERSION / 2.07
OUTDOOR ANTENNA WORKS IN ANY
WEATHER CONDITIONS, IP67
MOUNTING SYSTEM WITH TWO
PLANES, 60 DEGREES REGULATION
ANTENNA PERFECTLY MATCHED WITH
THE ROUTER
POE PASSIVE POE SUPPORT
MADE IN EUROPE


Similar Part No. - RUT955

ManufacturerPart #DatasheetDescription
logo
TELTONIKA NETWORKS.
RUT955 TELTONIKA-RUT955 Datasheet
1Mb / 15P
RUT955 (INDUSTRIAL CELLULAR ROUT
RUT955J034S0 TELTONIKA-RUT955J034S0 Datasheet
1Mb / 15P
RUT955 (INDUSTRIAL CELLULAR ROUT
RUT955K034S0 TELTONIKA-RUT955K034S0 Datasheet
1Mb / 15P
RUT955 (INDUSTRIAL CELLULAR ROUT
RUT955T033B0 TELTONIKA-RUT955T033B0 Datasheet
1Mb / 15P
RUT955 (INDUSTRIAL CELLULAR ROUT
RUT955W03660 TELTONIKA-RUT955W03660 Datasheet
1Mb / 15P
RUT955 (INDUSTRIAL CELLULAR ROUT
More results

Similar Description - RUT955

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMB868B05F21 ETC2-OMB868B05F21 Datasheet
395Kb / 9P
5dBi 868MHz ISM Band Indoor/Outdoor Omni-Directional Antenna
OMB915B03F21 ETC2-OMB915B03F21 Datasheet
411Kb / 9P
3.5dBi 915MHz ISM Band Indoor/Outdoor Omni-Directional Antenna
logo
World Produts Inc.
WPANT30059-RA WPI-WPANT30059-RA Datasheet
69Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30083-R2A WPI-WPANT30083-R2A Datasheet
69Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30096-R1A WPI-WPANT30096-R1A Datasheet
65Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
logo
Pulse A Technitrol Comp...
RO3ISMNM PULSE-RO3ISMNM Datasheet
345Kb / 4P
Outdoor Rated, Omni Directional Antenna
logo
Taoglas antenna solutio...
OMB868B08F21 TAOGLAS-OMB868B08F21 Datasheet
771Kb / 10P
868MHz 8dBi Omni Directional Outdoor Antenna
logo
World Produts Inc.
WPANT30127 WPI-WPANT30127 Datasheet
63Kb / 2P
Omni-directional Antenna ??Wi-Fi / WLAN Dual-band
WPANT30150 WPI-WPANT30150 Datasheet
112Kb / 3P
2.4 GHz Wi-Fi Omni-directional Antenna
logo
Maxtena Inc.
MEA-698-2700-AM MAXTENA-MEA-698-2700-AM Datasheet
673Kb / 3P
OMNI-DIRECTIONAL LTE ANTENNA
REV A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com