Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647ZUT720 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS320DM647ZUT720
Description  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT720 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320DM647ZUT720 Datasheet HTML 29Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 30Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 31Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 32Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 33Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 34Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 35Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 36Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 166 page
background image
www.ti.com
2.7 Device Support
2.7.1
Development Support
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
Table 2-5. TERMINAL FUNCTIONS (GROUND and POWER SUPPLY) (continued)
TERMINAL NAME
NO
TYPE
INTERNAL
OPER VOLT
DESCRIPTION
PULLUP/PULLD
OWN
RSV 13
E4
Reserved This pin must be connected directly to VSS for
proper device operation.
RSV 14
E3
Reserved.This pin must be connected directly to 1.8-V
I/O supply
RSV 15
A10
A
Reserved . Unconnected
RSV 16
A22
A
Reserved . Unconnected
RSV 17
V10
A
Reserved . Unconnected
RSV 18
F6
I
Reserved. These pins must be connected directly to
1.8-V I/O supply(DVDD18) for proper device operation.
RSV 19
C2
Reserved. This pin must be connected to the 1.8-V I/O
supply (DVDD18) via a 200-
Ω resistor for proper device
operation.
NOTE: If the DDR2 Memory Controller is not used, the
VREFSSTL, RSV19, and RSV20 pins can be directly
connected to ground (VSS) to save power. However,
connecting these pins directly to ground will prevent
boundary scan from functioning on the DDR2 Memory
Controller pins. To preserve boundary-scan functionality
on the DDR2 Memory Controller pins, see Section 6.3.6.
RSV 20
C1
Reserved. This pin must be connected to ground (VSS)
via a 200-
Ω resistor for proper device operation.
NOTE: If the DDR2 Memory Controller is not used, the
VREFSSTL, RSV19, and RSV20 pins can be directly
connected to ground (VSS) to save power. However,
connecting these pins directly to ground will prevent
boundary scan from functioning on the DDR2 Memory
Controller pins. To preserve boundary-scan functionality
on the DDR2 Memory Controller pins, see Section 6.3.6.
RSV 21
Y12
Reserved. This pin must be connected via a 20-
Ω
resistor directly to 3.3-V I/O Supply (DVDD33) for proper
device operation. The resistor used should have a
minimal rating of 250 mW
RSV 22
W12
Reserved. This pin must be connected via a 40-
Ω
resistor directly to ground (VSS) for proper device
operation. The resistor used should have a minimal
rating of 100 mW
TI offers an extensive line of development tools for the TMS320DM64x DMP platform, including tools to
evaluate the performance of the processors, generate code, develop algorithm implementations, and fully
integrate and debug software and hardware modules. The tools support documentation is electronically
available within the Code Composer Studio™ Integrated Development Environment (IDE).
The following products support development of TMS320DM64xx DMP-based applications:
Software Development Tools:
Code Composer Studio™ Integrated Development Environment (IDE): including Editor
C/C++/Assembly Code Generation, and Debug plus additional development tools
Scalable, Real-Time Foundation Software (DSP/BIOS™), which provides the basic run-time target
software needed to support any SoC application.
Hardware Development Tools:
Extended Development System (XDS™) Emulator (supports TMS320DM64x DMP multiprocessor
system debug) EVM (Evaluation Module)
Submit Documentation Feedback
Device Overview
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com