Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647ZUT720 Datasheet(PDF) 87 Page - Texas Instruments

Part # TMS320DM647ZUT720
Description  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT720 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320DM647ZUT720 Datasheet HTML 83Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 84Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 85Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 86Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 87Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 88Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 89Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 90Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 166 page
background image
www.ti.com
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
Table 6-23. Timing Requirements for Reset (see Figure 6-10 and Figure 6-11) (continued)
-720
-900
NO.
UNIT
MIN
MAX
Setup time, boot mode and configuration pins valid before POR high or
7
tsu(boot)
ns
RESET high(4)
Hold time, boot mode and configuration pins valid after POR high or
8
th(boot)
ns
RESET high(4)
(4)
AEA[22:11], and UHPIEN are the boot configuration pins during device reset.
Table 6-24. Switching Characteristics Over Recommended Operating Conditions During Reset
(1)
(see Figure 6-11)
-720
-900
NO.
PARAMETER
UNIT
MIN
MAX
9
td(PORH-RSTATH)
Delay time, POR high AND RESET high to RESETSTAT high
ns
For Figure 6-10, note the following:
• Z group consists of: all I/O/Z and O/Z pins, except for Low and High group pins. Pins become high
impedance as soon as their respective power supply has reached normal operating conditions. Pins
remain in high impedance until configured otherwise by their respective peripherals.
• Low group consists of: Pins become low as soon as their respective power supply has reached normal
operating conditions. Pins remain low until configured otherwise by their respective peripheral.
• High group consists of: . Pins become high as soon as their respective power supply has reached
normal operating conditions. Pins remain high until configured otherwise by their respective peripheral.
• All peripherals must be enable through software following a power-on reset; for more details, see
Section 6.7.1, Power-on Reset.
• For power-supply sequence requirements, see Section 6.3.1.
(1)
C = 1/CLKIN1 clock frequency in ns.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com