Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647ZUT720 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320DM647ZUT720
Description  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT720 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320DM647ZUT720 Datasheet HTML 45Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 46Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 47Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 48Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 49Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 50Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 51Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 52Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 166 page
background image
www.ti.com
4
System Interconnect
4.1 Internal Buses, Bridges, and Switch Fabrics
4.2 Data Switch Fabric Connections
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
On the DM647/DM648 devices, the C64x+ Megamodule, the EDMA3 transfer controllers, and the system
peripherals are interconnected through two switch fabrics. The switch fabrics allow for low-latency,
concurrent data transfers between master peripherals and slave peripherals. Through a switch fabric, the
CPU can send data to the video ports without affecting a data transfer between the PCI and the DDR2
memory controller. The switch fabrics also allow for seamless arbitration between the system masters
when accessing system slaves.
Two types of buses exist in the DM647/DM648 devices: data buses and configuration buses. Some
DM647/DM648 peripherals have both a data bus and a configuration bus interface, while others only have
one type of interface. Furthermore, the bus interface width and speed varies from peripheral to peripheral.
Configuration buses are mainly used to access the register space of a peripheral and the data buses are
used mainly for data transfers. However, in some cases, the configuration bus is also used to transfer
data. For example, data is transferred to the UART or I2C via their configuration bus. Similarly, the data
bus can also be used to access the register space of a peripheral. For example, the EMIFA and DDR2
memory controller registers are accessed through their data bus interface.
The C64x+ Megamodule, the EDMA3 traffic controllers, and the various system peripherals can be
classified into two categories: masters and slaves. Masters are capable of initiating read and write
transfers in the system and do not rely on the EDMA3 for their data transfers. Slaves, on the other hand,
rely on the EDMA3 to perform transfers to and from them. Masters include the EDMA3 traffic controllers
and PCI. Slaves include the McASP, video port, and I2C.
The DM647/DM648 devices contain two switch fabrics through which masters and slaves communicate.
The data switch fabric, known as the data switched central resource (SCR), is a high-throughput
interconnect mainly used to move data across the system (for more information, see Section 4.2). The
data SCR connects masters to slaves via 128-bit data buses running at a SYSCLK2 frequency (SYSCLK2
is generated from PLL1 controller). Peripherals that have a 128-bit data bus interface running at this
speed can connect directly to the data SCR; other peripherals require a bridge.
The configuration switch fabric, also known as the configuration switch central resource (SCR) is mainly
used by the C64x+ Megamodule to access peripheral registers (for more information, see Section 4.3).
The configuration SCR connects C64x+ Megamodule to slaves via 32-bit configuration buses running at a
SYSCLK2 frequency (SYSCLK2 is generated from PLL1 controller). As with the data SCR, some
peripherals require the use of a bridge to interface to the configuration SCR. Note that the data SCR also
connects to the configuration SCR. Bridges perform a variety of functions:
• Conversion between configuration bus and data bus.
• Width conversion between peripheral bus width and SCR bus width
• Frequency conversion between peripheral bus frequency and SCR bus frequency
For example, the EMIFA memory controller require a bridge to convert their 64-bit data bus interface into a
128-bit interface so that they can connect to the data SCR.
Note that some peripherals can be accessed through the data SCR and also through the configuration
SCR.
Figure 4-1 shows the connection between slaves and masters through the data switched central resource
(SCR). Masters are shown on the right and slaves on the left. The data SCR connects masters to slaves
via 128-bit data buses running at a SYSCLK2 frequency. SYSCLK2 is supplied by the PLL1 controller and
is fixed at a frequency equal to the CPU frequency divided by 3. Some peripherals, like PCI and the
C64x+ Megamodule, have both slave and master ports. Note that each EDMA3 transfer controller has an
independent connection to the data SCR.
Submit Documentation Feedback
System Interconnect
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com