Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1271663 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1271663
Description  PCV 4/ 7-G-6,35 P26 THR - PCB header
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1271663 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1271663 Datasheet HTML 1Page - PHOENIX CONTACT 1271663 Datasheet HTML 2Page - PHOENIX CONTACT 1271663 Datasheet HTML 3Page - PHOENIX CONTACT 1271663 Datasheet HTML 4Page - PHOENIX CONTACT 1271663 Datasheet HTML 5Page - PHOENIX CONTACT 1271663 Datasheet HTML 6Page - PHOENIX CONTACT 1271663 Datasheet HTML 7Page - PHOENIX CONTACT 1271663 Datasheet HTML 8Page - PHOENIX CONTACT 1271663 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-
13
775
Temperature for the ball pressure test according to EN 60695-
10-2
200 °C
Notes
Notes on operation
In accordance with IEC 61984, COMBICON connectors have no
switching power (COC). During designated use, they must not be
plugged in or disconnected when carrying voltage or under load.
Note on the status of the technical data
These technical data are expected. Final tests to be done.
Dimensions
Dimensional drawing
Pitch
6.35 mm
Width [w]
47.4 mm
Height [h]
27.6 mm
Length [l]
10.2 mm
Installed height
25 mm
Solder pin length [P]
2.6 mm
Pin dimensions
1.2 x 1 mm
PCB design
Hole diameter
1.3 mm
Electrical tests
Air clearances and creepage distances |
Specification
IEC 60664-1:2020-05
Insulating material group
IIIa
Comparative tracking index (IEC 60112)
CTI 175
Rated insulation voltage (III/3)
630 V
Rated surge voltage (III/3)
6 kV
minimum clearance value - non-homogenous field (III/3)
5.5 mm
minimum creepage distance (III/3)
10 mm
Rated insulation voltage (III/2)
800 V
Rated surge voltage (III/2)
6 kV
minimum clearance value - non-homogenous field (III/2)
5.5 mm
minimum creepage distance (III/2)
8 mm
Rated insulation voltage (II/2)
1000 V
Rated surge voltage (II/2)
6 kV
minimum clearance value - non-homogenous field (II/2)
5.5 mm
PCV 4/ 7-G-6,35 P26 THR - PCB header
1271663
https://www.phoenixcontact.com/us/products/1271663
Jan 8, 2024, 5:30 AM
Page 3 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com