Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1271663 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1271663
Description  PCV 4/ 7-G-6,35 P26 THR - PCB header
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1271663 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1271663 Datasheet HTML 1Page - PHOENIX CONTACT 1271663 Datasheet HTML 2Page - PHOENIX CONTACT 1271663 Datasheet HTML 3Page - PHOENIX CONTACT 1271663 Datasheet HTML 4Page - PHOENIX CONTACT 1271663 Datasheet HTML 5Page - PHOENIX CONTACT 1271663 Datasheet HTML 6Page - PHOENIX CONTACT 1271663 Datasheet HTML 7Page - PHOENIX CONTACT 1271663 Datasheet HTML 8Page - PHOENIX CONTACT 1271663 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical data
Product properties
Product line
COMBICON Connectors L
Product type
PCB headers
Product family
PCV 4/..-G-THR
Number of positions
7
Pitch
6.35 mm
Number of rows
1
Pin layout
Zigzag pinning W
Solder pins per potential
1
Electrical properties
Nominal current IN
24 A
Nominal voltage UN
800 V
Degree of pollution
3
Rated voltage (III/3)
630 V
Rated surge voltage (III/3)
6 kV
Rated voltage (III/2)
800 V
Rated surge voltage (III/2)
6 kV
Rated voltage (II/2)
1000 V
Rated surge voltage (II/2)
6 kV
Mounting
Mounting type
THR soldering
Pin layout
Zigzag pinning W
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Tin-plated
Metal surface contact area (top layer)
Tin (3 - 5 µm Sn)
Metal surface contact area (middle layer)
Nickel (1.3 - 3 µm Ni)
Metal surface soldering area (top layer)
Tin (3 - 5 µm Sn)
Metal surface soldering area (middle layer)
Nickel (1.3 - 3 µm Ni)
Material data - housing
Color (Housing)
black (9005)
Insulating material
LCP
Insulating material group
IIIa
CTI according to IEC 60112
175
Flammability rating according to UL 94
V0
PCV 4/ 7-G-6,35 P26 THR - PCB header
1271663
https://www.phoenixcontact.com/us/products/1271663
Jan 8, 2024, 5:30 AM
Page 2 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com