Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1271663 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1271663
Description  PCV 4/ 7-G-6,35 P26 THR - PCB header
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1271663 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1271663 Datasheet HTML 1Page - PHOENIX CONTACT 1271663 Datasheet HTML 2Page - PHOENIX CONTACT 1271663 Datasheet HTML 3Page - PHOENIX CONTACT 1271663 Datasheet HTML 4Page - PHOENIX CONTACT 1271663 Datasheet HTML 5Page - PHOENIX CONTACT 1271663 Datasheet HTML 6Page - PHOENIX CONTACT 1271663 Datasheet HTML 7Page - PHOENIX CONTACT 1271663 Datasheet HTML 8Page - PHOENIX CONTACT 1271663 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 4 mm2, color: black, nominal current: 24 A, rated voltage
(III/2): 800 V, contact surface: Tin, contact connection type: Pin, number of rows: 1, number of
positions: 7, product range: PCV 4/..-G-THR, pitch: 6.35 mm, mounting: THR soldering, pin
layout: Zigzag pinning W, solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in
system: COMBICON PC 4, Pin connector pattern alignment: Standard, locking: without,
mounting: without, type of packaging: packed in cardboard
Your advantages
Designed for integration into the SMT soldering process
Increased touch protection in the pin connector pattern for maximum safety even when not plugged in
Easy PCB replacement thanks to plug-in modules
Commercial data
Item number
1271663
Packing unit
50 pc
Minimum order quantity
50 pc
Product key
AADTBC
GTIN
4063151462598
PCV 4/ 7-G-6,35 P26 THR - PCB header
1271663
https://www.phoenixcontact.com/us/products/1271663
Jan 8, 2024, 5:30 AM
Page 1 (9)


Similar Part No. - 1271663

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1271660 PHOENIX-1271660 Datasheet
641Kb / 9P
PCV 4/ 5-G-6,35 P26 THR - PCB header
1271661 PHOENIX-1271661 Datasheet
628Kb / 9P
PCV 4/ 6-G-6,35 P26 THR - PCB header
1271664 PHOENIX-1271664 Datasheet
613Kb / 9P
PCV 4/ 8-G-6,35 P26 THR - PCB header
1271665 PHOENIX-1271665 Datasheet
611Kb / 9P
PCV 4/ 9-G-6,35 P26 THR - PCB header
1271667 PHOENIX-1271667 Datasheet
610Kb / 9P
PCV 4/10-G-6,35 P26 THR - PCB header
More results

Similar Description - 1271663

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1234271 PHOENIX-1234271 Datasheet
365Kb / 9P
PC 4/ 4-G-6,35 P26 THR - PCB header
1234275 PHOENIX-1234275 Datasheet
346Kb / 9P
PC 4/ 7-G-6,35 P26 THR - PCB header
1271657 PHOENIX-1271657 Datasheet
606Kb / 8P
PCV 4/ 2-G-6,35 P26 THR - PCB header
1271658 PHOENIX-1271658 Datasheet
638Kb / 9P
PCV 4/ 3-G-6,35 P26 THR - PCB header
1271659 PHOENIX-1271659 Datasheet
639Kb / 9P
PCV 4/ 4-G-6,35 P26 THR - PCB header
1271660 PHOENIX-1271660 Datasheet
641Kb / 9P
PCV 4/ 5-G-6,35 P26 THR - PCB header
1271661 PHOENIX-1271661 Datasheet
628Kb / 9P
PCV 4/ 6-G-6,35 P26 THR - PCB header
1271665 PHOENIX-1271665 Datasheet
611Kb / 9P
PCV 4/ 9-G-6,35 P26 THR - PCB header
1271668 PHOENIX-1271668 Datasheet
609Kb / 9P
PCV 4/11-G-6,35 P26 THR - PCB header
1299300 PHOENIX-1299300 Datasheet
586Kb / 8P
PCV 4/13-G-6,35 P26 THR - PCB header
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com