Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G53 Datasheet(PDF) 15 Page - Texas Instruments

Part # SN74LVC2G53
Description  SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN74LVC2G53_V01 Datasheet HTML 11Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 12Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 13Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 14Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 15Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 16Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 17Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 18Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
COM
Y
Y2
A
INH
Y1
COM
5
2
7
6
1
SW
SW
15
SN74LVC2G53
www.ti.com
SCES324Q – JULY 2001 – REVISED JANUARY 2019
Product Folder Links: SN74LVC2G53
Submit Documentation Feedback
Copyright © 2001–2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
This dual analog multiplexer/demultiplexer is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC2G53 device can handle both analog and digital signals. This device permits signals with
amplitudes of up to 5.5 V (peak) to be transmitted in either direction.
8.2 Functional Block Diagram
NOTE: For simplicity, the test conditions shown in Figure 1 through Figure 4 and Figure 6 through Figure 10 are for the
demultiplexer configuration. Signals can be passed from COM to Y1 (Y2) or from Y1 (Y2) to COM.
Figure 11. Logic Diagram
Figure 12. Logic Diagram, Each Switch (SW)
8.3 Feature Description
A high-level voltage applied to INH disables the switches. When INH is low, signals can pass from A to Y or Y to
A. Low ON-resistance of 6.5 Ω at 4.5-V VCC is ideal for analog signal conditioning systems. The control signals
can accept voltages up to 5.5 V without VCC connected in the system. Combination of lower tpd of 0.8 ns at 3.3 V
and low enable and disable time make this part suitable for high-speed signal switching applications.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC2G53.
Table 1. Function Table
CONTROL
INPUTS
ON
CHANNEL
INH
A
L
L
Y1
L
H
Y2
H
X
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com