Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G53 Datasheet(PDF) 17 Page - Texas Instruments

Part # SN74LVC2G53
Description  SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN74LVC2G53_V01 Datasheet HTML 13Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 14Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 15Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 16Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 17Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 18Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 19Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 20Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Vcc(V)
max
tpd
(ns)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.5
1
1.5
2
2.5
17
SN74LVC2G53
www.ti.com
SCES324Q – JULY 2001 – REVISED JANUARY 2019
Product Folder Links: SN74LVC2G53
Submit Documentation Feedback
Copyright © 2001–2019, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curve
Figure 14. tpd vs VCC
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Absolute Maximum Ratings .
Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, a 0.1-μF bypass capacitor is recommended. If there are multiple pins labeled VCC, then a 0.01-μF or
0.022-μF capacitor is recommended for each VCC because the VCC pins will be tied together internally. For
devices with dual-supply pins operating at different voltages, for example VCC and VDD, a 0.1-µF bypass
capacitor is recommended for each supply pin. It is acceptable to parallel multiple bypass capacitors to reject
different frequencies of noise. 0.1-μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor
should be installed as close to the power terminal as possible for best results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com