Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G53 Datasheet(PDF) 20 Page - Texas Instruments

Part # SN74LVC2G53
Description  SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN74LVC2G53_V01 Datasheet HTML 16Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 17Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 18Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 19Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 20Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 21Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 22Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 23Page - Texas Instruments SN74LVC2G53_V01 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
12-Jan-2024
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74LVC2G53DCT3
LIFEBUY
SM8
DCT
8
3000
RoHS &
Non-Green
SNBI
Level-1-260C-UNLIM
-40 to 85
C53
Z
SN74LVC2G53DCTR
ACTIVE
SM8
DCT
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
C53
Z
Samples
SN74LVC2G53DCTRG4
LIFEBUY
SM8
DCT
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
C53
Z
SN74LVC2G53DCU3
LIFEBUY
VSSOP
DCU
8
3000
RoHS &
Non-Green
SNBI
Level-1-260C-UNLIM
-40 to 85
53
CZ
SN74LVC2G53DCUR
ACTIVE
VSSOP
DCU
8
3000
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 85
(53, C53Q, C53R)
CZ
Samples
SN74LVC2G53DCURG4
ACTIVE
VSSOP
DCU
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
C53R
Samples
SN74LVC2G53DCUT
LIFEBUY
VSSOP
DCU
8
250
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 85
(53, C53Q, C53R)
CZ
SN74LVC2G53DCUTG4
ACTIVE
VSSOP
DCU
8
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
C53R
Samples
SN74LVC2G53YZPR
ACTIVE
DSBGA
YZP
8
3000
RoHS & Green
SNAGCU
Level-1-260C-UNLIM
-40 to 85
C4N
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com