Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT71N Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-HT71N
Description  Technical Specification Air Humidity Meter PCE-HT 71N
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT71N Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-HT71N Datasheet HTML 1Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Specification Air Humidity Meter PCE-HT 71N
Technical specifications
Measurement range
0 ... 100% H.r. / -35 ... +80 ºC
Accuracy
±3 % H.r. (20 ... 80 %) and ±5 % / ±1 °C
Resolution
0,5 % H.r. / 0,1 °C
Sensors
internal (humidity and temperature)
Memory
max. 32.000 measurement values (16.000 for
each parameter)
Measurement quota / measurement intervals adjustable, 10 s, 20 s, 1 min, 10 min, 20 min ...
30 min
Alarm limit
adjustable
Status indicator
Through 2 LED’s (recording data / alarm)
Port
USB
Software
Included in the delivery
Dew point temperature
calculated by the software once data has been
transmitted (accuracy: ±2°C)
Power
3.6V lithium battery
(life: approx. 1 year)
Positioning
- can be wall mounted or placed anywhere on a
flat surface, for instance on a table
Operating conditions
-35 ...+80 °C / 0 ... 100 % H.r.
Case
ABS plastic
Software
Windows 2000 / XP / Vista
Weight
25 g


Similar Part No. - PCE-HT71N

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-HT71N-10 PCE-PCE-HT71N-10 Datasheet
52Kb / 2P
Technical Data Logger PCE-HT 71N-10
PCE-HT71N-5 PCE-PCE-HT71N-5 Datasheet
52Kb / 2P
Technical Data Logger PCE-HT 71N-5
More results

Similar Description - PCE-HT71N

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO290 EXTECH-MO290 Datasheet
187Kb / 8P
Pinless Moisture/Humidity Meter IR
logo
AZ Displays
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
TECHNICAL SPECIFICATION
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
TECHNICAL SPECIFICATION
logo
Extech Instruments Corp...
SDL550 EXTECH-SDL550 Datasheet
171Kb / 1P
Humidity Content Meter/Datalogger
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
logo
Vaisala
HM40 VAISALA-HM40 Datasheet
1Mb / 4P
HUMICAPâ Handheld Humidity and Temperature Meter Series
HM70 VAISALA-HM70 Datasheet
769Kb / 3P
Handheld Humidity and Temperature Meter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com