Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTX08DACP Datasheet(PDF) 4 Page - Texas Instruments

Part # PTX08DACP
Description  TX08D 8-Channel Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTX08DACP Datasheet(HTML) 4 Page - Texas Instruments

  PTX08DACP Datasheet HTML 1Page - Texas Instruments PTX08DACP Datasheet HTML 2Page - Texas Instruments PTX08DACP Datasheet HTML 3Page - Texas Instruments PTX08DACP Datasheet HTML 4Page - Texas Instruments PTX08DACP Datasheet HTML 5Page - Texas Instruments PTX08DACP Datasheet HTML 6Page - Texas Instruments PTX08DACP Datasheet HTML 7Page - Texas Instruments PTX08DACP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.ti.com
PACKAGE OUTLINE
12.1
11.9
12.1
11.9
1.321 MAX
0.393
0.293
196X
0.5
0.4
10.4 TYP
10.4 TYP
0.8 TYP
0.8 TYP
(0.8)
(0.8)
(0.448)
FCBGA - 1.321 mm max height
ACP0196A
BALL GRID ARRAY
4226793/B 07/2021
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
0.1 C
0.2 C
SEATING PLANE
0.2 C
0.15
C A B
0.08
C
SYMM
SYMM
1
A
2
3
4
5
6
7
8
9
10
11
12 13
B
C
D
E
F
G
H
J
K
L
M
N
14
P
SCALE 1.200
A
B
C
TX08D
SBASAW7 – OCTOBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TX08D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com