Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTX08DACP Datasheet (PDF) - Texas Instruments

PTX08DACP Datasheet PDF - Texas Instruments
Part # PTX08DACP
Download  PTX08DACP Download
File Size   498.72 Kbytes
Page   8 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TX08D 8-Channel Transmitter

PTX08DACP Datasheet (PDF)

Go To PDF Page Download Datasheet
PTX08DACP Datasheet PDF - Texas Instruments

Part # PTX08DACP
Download  PTX08DACP Click to download

File Size   498.72 Kbytes
Page   8 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TX08D 8-Channel Transmitter

PTX08DACP Datasheet (HTML) - Texas Instruments


PTX08DACP Product details

1 Features
• 8-Channel transmitter, each channel includes:
– 5-level pulser with on-chip beamforming
– Active T/R switch
– Integrated floating supplies
• 5-Level Pulser supports:
– Maximum output voltage: ±100 V
– Minimum output voltage: ±1 V
– Maximum output current: 2 A
– Support 4-A output current mode
– True return to zero to discharge to ground
– Second harmonic of –45 dBc at 5 MHz
– –3-dB Bandwidth with 220-Ω || 240-pF load
• –20 MHz for a ±100-V supply
• 35 MHz for a ±100-V supply in 4A
– Integrated jitter: 100 fs from 100 Hz to 20 kHz
– CW mode close-in phase noise: –154 dBc/Hz
at 1-kHz offset for 5-MHz signal
• Active T/R switch with:
– Turn ON resistance: 8 Ω
– Turn ON and OFF time: 300 ns
– Channel based T/R switch on and off controls
• On-chip beamformer for pulser with:
– Channel based T/R switch on and off controls
– Delay resolution: Half beamformer clock period,
minimum 1.56 ns
– Maximum delay: 214 beamformer clock period
– Per channel 960 × 32 bits memory to store
waveform and delay values.
• High-speed (400-MHz maximum), 2-lane LVDS
serial programming interface
– Very low programming time: < 500 ns for delay
profile update
– 32-bit Checksum feature to detect wrong SPI
writes
• Internal temperature sensor and automatic thermal
shutdown
• No specific power sequencing requirement
• Error flag register to detect multiple faulty condition
• Integrated passives for the floating supplies and
bias voltages
• Small package: FCCSP-196 (12 mm × 12 mm)
with 0.8-mm pitch

2 Applications
• Ultrasound pulser imaging system
• Piezoelectric driver

3 Description
The TX08D is a transmitter solution for ultrasound
imaging systems. The device supports eight channels
with each channel consisting of pulser transmit/
receive (T/R) switches.




Similar Part No. - PTX08DACP

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PTX MTRONPTI-PTX Datasheet
226Kb / 2P
Surface Mount Crystals
PTX MTRONPTI-PTX Datasheet
290Kb / 2P
Surface Mount Crystals
logo
Jonard Tools.
PTX JONARD-PTX Datasheet
3Mb / 52P
Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PTX-1 JONARD-PTX-1 Datasheet
3Mb / 52P
Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
logo
Bud Industries, Inc.
PTX-18482-P BUD-PTX-18482-P Datasheet
81Kb / 1P
ABS PANEL FOR PTR SERIES
1/25/21
More results


Similar Description - PTX08DACP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1581Q SONY-CXB1581Q Datasheet
285Kb / 22P
Fibre Channel Transmitter
logo
Aeroflex Circuit Techno...
MT70014 AEROFLEX-MT70014 Datasheet
187Kb / 7P
TWO CHANNEL ARINC TRANSMITTER
logo
Integrated Circuit Syst...
V385 ICST-V385 Datasheet
158Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
Revision 1.6
V385A ICST-V385A Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
logo
Rohm
BU7988KVT ROHM-BU7988KVT Datasheet
952Kb / 27P
56bit LVDS Transmitter 56:8 Serializer
logo
OPLINK Communications I...
S0186-TRPV3GET1C000E2G OPLINK-S0186-TRPV3GET1C000E2G Datasheet
551Kb / 5P
1310nm Single Channel Optical Transmitter
S0241-TRPV3GET2C000E2G OPLINK-S0241-TRPV3GET2C000E2G Datasheet
296Kb / 5P
1310nm Dual Channel Optical Transmitter
TRPV3GET2C000E2G OPLINK-TRPV3GET2C000E2G Datasheet
296Kb / 5P
1310nm Dual Channel Optical Transmitter
logo
Microchip Technology
MD1730 MICROCHIP-MD1730 Datasheet
616Kb / 34P
8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
11/07/16
logo
Renesas Technology Corp
V385A RENESAS-V385A Datasheet
413Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
2019
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com