Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTX08DACP Datasheet(PDF) 1 Page - Texas Instruments

Part # PTX08DACP
Description  TX08D 8-Channel Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTX08DACP Datasheet(HTML) 1 Page - Texas Instruments

  PTX08DACP Datasheet HTML 1Page - Texas Instruments PTX08DACP Datasheet HTML 2Page - Texas Instruments PTX08DACP Datasheet HTML 3Page - Texas Instruments PTX08DACP Datasheet HTML 4Page - Texas Instruments PTX08DACP Datasheet HTML 5Page - Texas Instruments PTX08DACP Datasheet HTML 6Page - Texas Instruments PTX08DACP Datasheet HTML 7Page - Texas Instruments PTX08DACP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TX08D 8-Channel Transmitter
1 Features
• 8-Channel transmitter, each channel includes:
– 5-level pulser with on-chip beamforming
– Active T/R switch
– Integrated floating supplies
• 5-Level Pulser supports:
– Maximum output voltage: ±100 V
– Minimum output voltage: ±1 V
– Maximum output current: 2 A
– Support 4-A output current mode
– True return to zero to discharge to ground
– Second harmonic of –45 dBc at 5 MHz
– –3-dB Bandwidth with 220-Ω || 240-pF load
• –20 MHz for a ±100-V supply
• 35 MHz for a ±100-V supply in 4A
– Integrated jitter: 100 fs from 100 Hz to 20 kHz
– CW mode close-in phase noise: –154 dBc/Hz
at 1-kHz offset for 5-MHz signal
• Active T/R switch with:
– Turn ON resistance: 8 Ω
– Turn ON and OFF time: 300 ns
– Channel based T/R switch on and off controls
• On-chip beamformer for pulser with:
– Channel based T/R switch on and off controls
– Delay resolution: Half beamformer clock period,
minimum 1.56 ns
– Maximum delay: 214 beamformer clock period
– Per channel 960 × 32 bits memory to store
waveform and delay values.
• High-speed (400-MHz maximum), 2-lane LVDS
serial programming interface
– Very low programming time: < 500 ns for delay
profile update
– 32-bit Checksum feature to detect wrong SPI
writes
• Internal temperature sensor and automatic thermal
shutdown
• No specific power sequencing requirement
• Error flag register to detect multiple faulty condition
• Integrated passives for the floating supplies and
bias voltages
• Small package: FCCSP-196 (12 mm × 12 mm)
with 0.8-mm pitch
2 Applications
• Ultrasound pulser imaging system
• Piezoelectric driver
3 Description
The TX08D is a transmitter solution for ultrasound
imaging systems. The device supports eight channels
with each channel consisting of pulser transmit/
receive (T/R) switches.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TX08D
ACP (FCCSP, 196)
12 mm × 12 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TX08D
SBASAW7 – OCTOBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - PTX08DACP

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PTX MTRONPTI-PTX Datasheet
226Kb / 2P
Surface Mount Crystals
PTX MTRONPTI-PTX Datasheet
290Kb / 2P
Surface Mount Crystals
logo
Jonard Tools.
PTX JONARD-PTX Datasheet
3Mb / 52P
Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PTX-1 JONARD-PTX-1 Datasheet
3Mb / 52P
Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
logo
Bud Industries, Inc.
PTX-18482-P BUD-PTX-18482-P Datasheet
81Kb / 1P
ABS PANEL FOR PTR SERIES
1/25/21
More results

Similar Description - PTX08DACP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1581Q SONY-CXB1581Q Datasheet
285Kb / 22P
Fibre Channel Transmitter
logo
Aeroflex Circuit Techno...
MT70014 AEROFLEX-MT70014 Datasheet
187Kb / 7P
TWO CHANNEL ARINC TRANSMITTER
logo
Integrated Circuit Syst...
V385 ICST-V385 Datasheet
158Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
Revision 1.6
V385A ICST-V385A Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
logo
Rohm
BU7988KVT ROHM-BU7988KVT Datasheet
952Kb / 27P
56bit LVDS Transmitter 56:8 Serializer
logo
OPLINK Communications I...
S0186-TRPV3GET1C000E2G OPLINK-S0186-TRPV3GET1C000E2G Datasheet
551Kb / 5P
1310nm Single Channel Optical Transmitter
S0241-TRPV3GET2C000E2G OPLINK-S0241-TRPV3GET2C000E2G Datasheet
296Kb / 5P
1310nm Dual Channel Optical Transmitter
TRPV3GET2C000E2G OPLINK-TRPV3GET2C000E2G Datasheet
296Kb / 5P
1310nm Dual Channel Optical Transmitter
logo
Microchip Technology
MD1730 MICROCHIP-MD1730 Datasheet
616Kb / 34P
8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
11/07/16
logo
Renesas Technology Corp
V385A RENESAS-V385A Datasheet
413Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com