Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT422 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-HT422
Description  CO2 Analyser PCE-HT 422
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT422 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-HT422 Datasheet HTML 1Page - PCE Instruments. PCE-HT422 Datasheet HTML 2Page - PCE Instruments. PCE-HT422 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Measured
variable
Air humidity
Measuring
range
0 ... 95% r.H.
Accuracy
± 3 % of reading (10 .. 90 %)
 
± 5 % of other
Resolution
-
 
 
Measured
variable
Temperature
Measuring
range
-20 ... 60 °C
Accuracy
± 0.6 °C (10 ... 40 °C)
 
± 1 °C of other
Resolution
-
 
 
Measured
variable
Illuminance
Measuring
range
0 ... 60000 lx
Accuracy
-
Resolution
-
 
 
Measured
variable
TVOC
Measuring
range
0 ... 60000 ppb
Accuracy
-
Resolution
1 ppb (0 ... 2008 ppb)
 
6 ppb (... 11110 ppb)
 
32 ppb (... 60000 ppb)
 
 
Measured
variable
CO2
Measuring
range
400... 60000 ppm
Accuracy
-
Resolution
1 ppm (400 ..1479ppm)
 
3 ppm (... 5144 ppm)
 
9 ( ...17597 ppm)
 
31 ppm ( .. 60000 ppm)
 
 
Measured
variables
dew point absolute humidity
 
saturated steam pressure, enthalpy
Interface
RS485 (Modbus RTU)
 
 
 
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com