Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT422 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-HT422
Description  CO2 Analyser PCE-HT 422
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT422 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-HT422 Datasheet HTML 1Page - PCE Instruments. PCE-HT422 Datasheet HTML 2Page - PCE Instruments. PCE-HT422 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CO2 Analyser PCE-HT 422
CO2 Analyser for temperature, relative humidity, CO2, TVOC and light intensity / 4GB memory / Power over Ethernet / MQTT / Email
alarm / HTTP / FTP
The CO2 analyser is used to measure and store environmental data such as temperature, humidity, illuminance, CO2 content and TVOC
concentration. The data logger also calculates the dew point, absolute humidity and the water vapor content in the air. The climate data logger
is used for stationary monitoring of laboratories, greenhouses, medicine and food stores, museums, etc. The data measured and calculated by
the data logger are stored in the internal memory and can be called up via Ethernet and sent to the user. In addition to storing the
measurement data, the climate data logger can send alarms by email or display them on a website. The data logger can be supplied via a
power supply unit or autonomously via Power over Ethernet. An internal battery is built into the climate data logger to buffer the memory and
the settings.
In addition to the built-in Ethernet interface, the data logger also has an RS485 interface available to the user. This can be addressed via
Modbus RTU. The user can communicate with the climate data logger via Modbus TCP / IP, HTTP, FTP via the Ethernet interface. A web and FTP
server as well as a DHCP and SMTP client complete the functionality of the data logger's network interface.
 
Temperature measuring range (-20 ... +60 °C)
Relative humidity measuring range (0 ... 95%)
CO2, TVOC and light measurement
Ethernet interface (PoE compatible)
Alarm (acoustic, email, visual)
4 GB memory
Adjustable sampling / storage rate
FTP, HTTP server


Similar Part No. - PCE-HT422

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-HT420 PCE-PCE-HT420 Datasheet
305Kb / 2P
Hygrometer PCE-HT 420IoT
More results

Similar Description - PCE-HT422

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Extech Instruments Corp...
CO250 EXTECH-CO250 Datasheet
209Kb / 10P
CO2 Meter
logo
Fuji Electric
EDS3-104C FUJI-EDS3-104C Datasheet
66Kb / 4P
INFRARED CO2 CONTROLLER
logo
Extech Instruments Corp...
SD800 EXTECH-SD800 Datasheet
194Kb / 1P
CO2/Humidity/Temperature Datalogger
logo
Weidmuller
2425500000 WEIDMULLER-2425500000 Datasheet
798Kb / 5P
ENERGY ANALYSER 550
2425510000 WEIDMULLER-2425510000 Datasheet
547Kb / 5P
ENERGY ANALYSER D550
2489780000 WEIDMULLER-2489780000 Datasheet
534Kb / 5P
ENERGY ANALYSER D550-24
2602580000 WEIDMULLER-2602580000 Datasheet
380Kb / 4P
ENERGY ANALYSER 550-24
logo
Infineon Technologies A...
PASCO2 INFINEON-PASCO2 Datasheet
1Mb / 22P
XENSIVTM PAS CO2
V 1.0 2022-01-17
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com