Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT422 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-HT422
Description  CO2 Analyser PCE-HT 422
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT422 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-HT422 Datasheet HTML 1Page - PCE Instruments. PCE-HT422 Datasheet HTML 2Page - PCE Instruments. PCE-HT422 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
 
Ethernet
Modbus TCP, HTTP, FTP, MQTT
Memory
4 GB
Power supply DC power pack 6 V / 1 A
 
PoE IEEE 802.3af
Power
consumption
< 2 VA
Warm-up time 15 minutes
Operating
conditions
-20 ... 60°/ 95% r.H
Degree of
protection
IP20
Mounting
Rear mounting hole for
 
Wall mounting, sensor facing down
Dimensions
120 x 80 x 25 mm
Weight
300 g
 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com