Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PA6000 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PA6000
Description  Power Meter PCE-PA6000
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PA6000 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PA6000 Datasheet HTML 1Page - PCE Instruments. PCE-PA6000 Datasheet HTML 2Page - PCE Instruments. PCE-PA6000 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This image shows the optional PCE-PA-ADPcurrent adaptor
Ampclamp adaptor for measuring current indirectly up to 1000A withoutinterrupting the conductor.
   - Range: 200 / 1000DCA / ACA
   - Accuracy: ±1.5 / 2%
   - DCA zeroreset
   - Dimensions: 190 x 64 x 33mm
   - Maximum diameterof the conductor: 33.5mm
Ampclamp adaptor for the
PCE-PA 6000 power meter
The images above show the software which isused to analyse data and is supplied with the power meter. It can show 4measurement values at a
time and the graphic display can easily storedata over an extended period to be analysed later.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com