Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PA6000 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-PA6000
Description  Power Meter PCE-PA6000
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PA6000 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-PA6000 Datasheet HTML 1Page - PCE Instruments. PCE-PA6000 Datasheet HTML 2Page - PCE Instruments. PCE-PA6000 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Technical specifications
Function
Measurement range; Accuracy;
Resolution
Measurement of real power (AC, real value
of power), direct measurement
1 W ... 6 kW; 1 W; ±1,5 % + 1 dgt.
Measurement of real power (AC, real value
of power), with adaptor ext. or current
converter
1 W ... 999,9 kW; 1 W; ±1,5 % + 1 dgt.
Measurement of apparent power (AC)
0.01VA to 9.999kVA; 0.01VA; ±1.5%
+1 digit
Power factor (cos φ)
0.00 to 1.00; 0.01; ±1.5% +2 digit
KWh counter
0.001Wh to 9,999kWh; 0.001Wh; ±1%
+1 digit
ACV / DCV
0.1V to 600V; 0.1 / 1V; ±1% +1 digit
ACA eff/rms
DCA eff/rms
direct maximum 10A; 10mA, with
induction head max. 1,000A;1A; ±1%
+1 digit
ACA with clamps
up to 2,000A (depending on clamps)
Frequency
10.0 to 999Hz; 0.1Hz; 1% +1 digit
Ohms
1 Ω to 19.99kΩ; 1 / 10 Ω; ±1% +1
digit
Display
93 x 52mm multi functional LCD
Operating conditions
max. 80% r.h. / 0 to 50°C / 32 to
122°F
Power
6 AA batteries or mains adaptor
Dimensions
280 x 210 x 90 mm / 11 x 8.2 x 3.5 in
Weight
1,600 g / 56.4 oz
Examples of use
More information
Manual
More product info
Similar products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com