Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PA6000 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PA6000
Description  Power Meter PCE-PA6000
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PA6000 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PA6000 Datasheet HTML 1Page - PCE Instruments. PCE-PA6000 Datasheet HTML 2Page - PCE Instruments. PCE-PA6000 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Meter PCE-PA6000
power meter with RS-232interface and software to analyse power consumption
ThePCE-PA6000 power meter is a tabletop device for measuring effectivepower, apparent power, power factor, energy consumption,
current,continuous voltage, resistance and frequency. The power meter alsooffers the possibility to connect industrial current converters with
atransmission relation of 100/5A or 1000/5A. Its large 93 x 52mm LCD iseasy to read and provides a variety of results, including Watts, cosφ,
ACV and ACA. With the optional PCE-PA ADP current adaptor withground wire (up to 16ACA) it can safely and quickly measure and analysewith
the help of the power meter. Measurement of current and power canbe done directly with test cables that come with the device orindirectly
using the clamps. The device has an RS-232 interface, andsoftware* to analyse results and transfer data to a computer. This makesit the ideal
device for any workshop or for measuring power to determinefaults in devices.
*Soft-lut-usb software is available in the accessories tab   
-Multimeter function
-Measurement of direct current connecting a sensor head or current clamp
-Measures effective and apparent power
-Measures power factor
-Measures energy consumption (kWh)
-Data hold / Peak hold
-Function Hold / Alarm function High / Low
-Interface RS-232
-Powered by mains adaptor or batteries
-Safety standards: IEC-1010-1; CAT II 600V


Similar Part No. - PCE-PA6000

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PA8300 PCE-PCE-PA8300 Datasheet
56Kb / 5P
Technical 3-Phase Power Meter PCE-PA 8300
More results

Similar Description - PCE-PA6000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
ASM GmbH
PW3335 ASM-SENSOR-PW3335 Datasheet
1,004Kb / 12P
POWER METER
logo
B&K Precision Corporati...
5335B BK-5335B Datasheet
1Mb / 6P
Power Meter
logo
ITECH ELECTRONIC CO.,LT...
IT9121E ITECH-IT9121E Datasheet
1Mb / 4P
Power Meter
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
logo
Siemens Semiconductor G...
PAC3100 SIEMENS-PAC3100 Datasheet
243Kb / 8P
Power Meter
PAC4200 SIEMENS-PAC4200 Datasheet
292Kb / 8P
Power Meter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com