Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVE4 Datasheet(PDF) 1 Page - Zoran Corporation

Part # CVE4
Description  Progressive Out Video Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

CVE4 Datasheet(HTML) 1 Page - Zoran Corporation

  CVE4 Datasheet HTML 1Page - Zoran Corporation CVE4 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CVE4
Progressive Out Video Encoder
Te l
408.523.6500
Fax 408.523.6501
www.zoran.com
Product Brief
Zoran Corporation
1390 Kifer Road
Sunnyvale, CA 94086-5305
7/16/04-TS
CVE4-PB-1.0
Zoran's CVE4 Progressive Out Video Encoder is a silicon-efficient,
high-quality Intellectual Property Core for video IC designs requiring
the progressive scan TV output function. The CVE4 encodes YCrCb,
4:2:2 digital video into the 480p and 576p standards. All NTSC, PAL, or
SECAM TV standards for interlaced output are also supported. CVE4
supports vertical blanking interval (VBI) encoding, including closed cap-
tion, teletext, WSS and CGMS-A encoding. CVE4 also includes sup-
port for Macrovision 7.1.L1, the copy protection scheme used in DVD
players and set-top boxes. Six separate output busses for Y,
Composite, Chroma, and RGB provides for flexibility in connection and
multiplexing to DACs.
Proven in silicon and shipping in the millions, the CVE4 progressive
out video encoder greatly reduces the risk and time involved when
integrating the progressive out video encoding function into an IC.
When combined with Zoran's Frame-It-1 Video Deinterlacer, CVE4 pro-
vides an industry recognized standard for quality progressive scan out-
put. CVE4 is incorporated into Zoran's own Vaddis DVD playback ICs.
Description
• 480p and 576p progressive output supported
• Encodes 4:2:2 YCrCb into all variations of NTSC, PAL or SECAM
TV standards for interlaced output
• Simultaneous output of composite video, S-video and component
video supported
• Dual chroma paths for optimal output of both composite video and
S-Video component video
• CCIR 601, 604 and 656 and SMTPE 253 standards supported
• Macrovision 7.1.L1 copy protection
• 47-tap luma filter
• Outputs 10-bit data to DACs
• Vertical Blanking Interval (VBI) encoding support
• Closed caption, teletext, WSS & CGMS Encoding
• Uniform 54 MHz clock; fully synchronous design
• 4x oversampling of luminance and chrominance filter for interlace
mode
• 2x oversampling for progressive scan mode
• Process technology independent "softcore"
Features
• Compilable Verilog source code
• Bit accurate, cycle accurate C model
• Synopsis synthesis scripts
• Test input files
• Documentation
Deliverables
CVE4 Progressive Out Video Encoder Block Diagram
• PC video
• Digital TV
• Set top box decoders
• Any system requiring progressive TV output
Integrated Circuit Applications
DVD
Digital Camera
Digital TV
Imaging
IP Cores
Driving the Digital Lifestyle
Driving the Digital Lifestyle
Y
data_write
Cr, Cb
clk54
data_read
r/w control
R/Pr
G/Y
B/Pb
Y D/A
Composite D/A
C D/A
Add VBI Pulse
(WSS/Closed
Caption/Teletext)
tt_req tt_data
Noise reduction
and edge
enhancement
Y 2x 45 tap
Upsampling Filter
Y 2x 15 tap
Upsampling Filter
Add Sync Setup
Chroma Modulation
and Burst
Generation
SECAM Chroma
Modulation
YUV to RGB
Cb 4x
Upsampling Filter
Cr 4x
Upsampling Filter
Interlaced and
Progressive
Timing Generator
and Macrovision
Control
Register file
Cb 2x
Upsampling Filter
Cr 2x
Upsampling Filter
vblank
Hblank


Similar Part No. - CVE4

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
CVE2 ZORAN-CVE2 Datasheet
228Kb / 2P
NTSC/PAL Video Encoder
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
NTSC/PAL/SECAM Video Encoder
CVE5 ZORAN-CVE5 Datasheet
232Kb / 2P
High Definition Video Encoder
More results

Similar Description - CVE4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV.0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
logo
List of Unclassifed Man...
AV3168 ETC1-AV3168 Datasheet
196Kb / 24P
Video Encoder
logo
Analog Devices
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com