Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CM3 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CM3
Description  Digital Multimeter PCE-CM 3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CM3 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CM3 Datasheet HTML 1Page - PCE Instruments. PCE-CM3 Datasheet HTML 2Page - PCE Instruments. PCE-CM3 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
DC
 
 
Measuring range
Resolution
Accuracy
4V DC
1 mV
± (1.2% of measured value + 2 digits)
40V DC
10 mV
± (1.5% of measured value + 2 digits)
400V DC
100 mV
± (1.5% of measured value + 2 digits)
600V DC
1V
± (2% of measured value + 2 digits)
 
 
 
Input impedance
10 MΩ
 
Overvoltage protection
600V DC
 
 
600V AC RMS  
 
 
 
AC
 
 
Measuring range
Resolution
Accuracy
4V AC
1 mV
± (1.5% of measured value + 5 digits)
40V AC
10 mV
± (1.5% of measured value + 2 digits)
400V AC
100 mV
± (1.5% of measured value + 2 digits)
600V AC
1 V
± (2% of measured value + 2 digits)
 
 
 
Input impedance
10 MΩ
 
Overvoltage protection
600V DC
 
 
600V AC RMS  
Frequency range
50 ... 400 Hz
 
 
 
 
Alternating current
 
 
Measuring range
Resolution
Accuracy
200 A AC
100-mA
± (3.0% of measured value + 5 digits)
Overload protection
200 A AC
 
Frequency range
50 ... 60 Hz
 
 
 
 
Resistance
 
 
Measuring range
Resolution
Accuracy
400 Ω
0.1 Ω
± (1% of measured value + 4 digits)
4 kΩ
1 Ω
± (1.5% of measured value + 4 digits)
40 kΩ
10 Ω
± (1.5% of measured value + 4 digits)
400 kΩ
100 Ω
± (1.5% of measured value + 4 digits)
4 MΩ
1 kΩ
± (2.5% of measured value + 4 digits)
40 MΩ
10 kΩ
± (3.5% of measured value + 4 digits)
 
 
 
Overvoltage protection
250V DC
 
 
250 AC RMS
 
 
 
 
Connection thermocouple Type K
connection
with adapter
 
 
 
 
 
 
 
 
 
More information
More product info
Similar products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com