Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CM3 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-CM3
Description  Digital Multimeter PCE-CM 3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CM3 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-CM3 Datasheet HTML 1Page - PCE Instruments. PCE-CM3 Datasheet HTML 2Page - PCE Instruments. PCE-CM3 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
 
 
Capacity
 
 
Measuring range
Resolution
Accuracy
4 nF
0.1 nF
± (5% of measured value + 20 digits)
40 nF
1 nF
± (3% of measured value + 5 digits)
400 nF
10 nF
± (3% of measured value + 5 digits)
4 μF
100 nF
± (3% of measured value + 5 digits)
40 μF
1 μF
± (3% of measured value + 5 digits)
100 μF
10 μF
± (3% of measured value + 10 digits)
 
 
 
Overvoltage protection
250V DC
 
 
250 AC RMS
 
 
 
 
Check feature
Test
Display
Diode test
Test current:
0.5-mA
Reverse
Voltage: 1.5V
Forward voltage of the diode
Continuity test
Open circuit
Voltage 0.5V
Noise when resistance <50 Ω
 
 
 
Overvoltage protection
250V DC
250 AC RMS
 
 
 
 
General technical
specifications
 
Jaw Capacity
About 17 mm / .7 in
Display
4000 digit LCD with backlight
Continuity test
Noise when resistance <50 Ω
Test current
About 0.5-mA
Open circuit voltage
<2V DC
Battery indicator
Battery icon when battery voltage low
Display overrange
OL appears in the display
Refresh rate display
3 Hz
Temperature sensor
Thermocouple type K
Input impedance
10 MΩ
Operating conditions
5 ... 40°C / 41 ... 104°F, 80% rh non-condensing
Storage conditions
-20 ... 60°C / -4 ... 140°F, 80% rh non-condensing
Operating altitude
<2000 m
Power supply
2 x 1.5V AAA battery
Automatic shutdown
30 minutes
Security conditions
IEC1010-1 (2001)
CAT II 1000V
CAT III 600V
Pollution degree
2
 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com