Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CM3 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CM3
Description  Digital Multimeter PCE-CM 3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CM3 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CM3 Datasheet HTML 1Page - PCE Instruments. PCE-CM3 Datasheet HTML 2Page - PCE Instruments. PCE-CM3 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Digital Multimeter PCE-CM 3
Digital Multimeter PCE-CM 3
Fork Clamp Up to 200 A AC / AC / DC Voltage Measurement / Simple Current Measurement / LC display / Continuity test /
Thermometer
The fork current clamp PCE-CM 3 is used for quick and easy AC measurements. For current measurement, the fork current clamp is placed over
the current-carrying conductor. The PCE-CM 3 Fork Clamp is particularly suitable for the measurement of AC in distributions and wherever
circuits must not be interrupted. The current measuring range extends from 0 ... 200 A. In addition to the current measurement, the fork current
clamp can be used to measure DC and AC voltages up to 600V, resistances, capacitances and even temperatures. The measured values are
displayed on the illuminated display of the fork current clamp. 
The compact dimensions and the low weight distinguish this current clamp as well as the robust housing. This makes the PCE-CM 3 fork
clamps the perfect companion for installers and service technicians.
Digital Multimeters up to 200 A
Compact dimensions
Robust plastic housing
Multimeter functions
Battery operation
Backlit LCD


Similar Part No. - PCE-CM3

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CM40 PCE-PCE-CM40 Datasheet
314Kb / 2P
Clamp Meter PCE-CM 40
PCE-CM41 PCE-PCE-CM41 Datasheet
144Kb / 2P
Conductivity Meter PCE-CM 41
PCE-CM5 PCE-PCE-CM5 Datasheet
288Kb / 4P
Clamp Meter PCE-CM 5
PCE-CMM10 PCE-PCE-CMM10 Datasheet
367Kb / 2P
CO2 Analyzer PCE-CMM 10
PCE-CMM5 PCE-PCE-CMM5 Datasheet
175Kb / 2P
CO2 Analyser PCE-CMM 5
More results

Similar Description - PCE-CM3

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
Mini Digital Multimeter
logo
Keysight Technologies
U2741A KEYSIGHT-U2741A Datasheet
1Mb / 11P
USB Modular Digital Multimeter
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
34401A Digital Multimeter
M9181A KEYSIGHT-M9181A Datasheet
251Kb / 8P
M9181A PXI Digital Multimeter
logo
Good Will Instrument Co...
GDM-8135 GWINSTEK-GDM-8135 Datasheet
571Kb / 1P
4 1/2 & 3 1/2 DIGITAL MULTIMETER
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
Digital Multimeter
logo
Good Will Instrument Co...
GDM-8034 GWINSTEK-GDM-8034 Datasheet
571Kb / 1P
3 1/2 DIGITAL MULTIMETER
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
Bluetooth Digital Multimeter
OW18D ETC-OW18D Datasheet
523Kb / 1P
Bluetooth Digital Multimeter
logo
UMC Corporation
UM7108 UMC-UM7108 Datasheet
526Kb / 20P
One Chip 3 1/2-Digit Digital Multimeter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com